Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5521
Description  Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices ADL5521 Datasheet HTML 7Page - Analog Devices ADL5521 Datasheet HTML 8Page - Analog Devices ADL5521 Datasheet HTML 9Page - Analog Devices ADL5521 Datasheet HTML 10Page - Analog Devices ADL5521 Datasheet HTML 11Page - Analog Devices ADL5521 Datasheet HTML 12Page - Analog Devices ADL5521 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADL5521
Rev. C | Page 9 of 24
2600 MHZ, VPOS = 5 V
Matched for optimal noise figure, external matching circuit included.
20
–25
–20
–15
–10
–5
0
5
10
15
2100
2200
2300
2400
2500
2600
2700
2800
2900
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 15. Typical S-Parameters, Log Magnitude
14
0
2
4
6
8
10
12
45
10
15
20
25
30
35
40
2500 2520 2540 2560 2580 2600 2620 2640 2660 2680 2700
FREQUENCY (MHz)
GAIN
OIP3
P1dB
NOISE FIGURE
Figure 16. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2500
2700
2680
2660
2640
2620
2600
2580
2560
2540
2520
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 17. Noise Figure vs. Temperature
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2500 2520 2540 2560 2580 2600 2620 2640 2660
2700
2680
FREQUENCY (MHz)
Figure 18. Noise Figure vs. Frequency at 25°C, Multiple Devices
15.0
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
39
19
21
23
25
27
29
31
33
35
37
2500
2540 2560 2580 2600 2620 2640 2660 2680
2520
2700
FREQUENCY (MHz)
–40°C
+85°C
+25°C
–40°C
–40°C
+25°C
+85°C
+85°C
+25°C
OIP3
P1dB
GAIN
Figure 19. Gain, OIP3, and P1dB vs. Temperature
40
38
36
34
32
30
28
26
24
22
20
–6
–4
–2
20
18
16
14
12
10
8
6
4
2
0
POUT PER TONE (dBm)
–40°C
+85°C
+25°C
Figure 20. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com