Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5521
Description  Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices ADL5521 Datasheet HTML 7Page - Analog Devices ADL5521 Datasheet HTML 8Page - Analog Devices ADL5521 Datasheet HTML 9Page - Analog Devices ADL5521 Datasheet HTML 10Page - Analog Devices ADL5521 Datasheet HTML 11Page - Analog Devices ADL5521 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADL5521
Data Sheet
Rev. C | Page 8 of 24
1950 MHz, VPOS = 5 V
Matched for optimal noise figure, external matching circuit included.
20
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
1800
1850
1900
1950
2000
2050
2100
2150
2200
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 9. Typical S-Parameters, Log Magnitude
18
0
2
4
6
8
10
12
14
16
45
0
5
10
15
20
25
30
35
40
1920
1930
1940
1950
1960
1970
1980
FREQUENCY (MHz)
GAIN
OIP3
P1dB
NOISE FIGURE
Figure 10. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
1800
2000
1980
1960
1940
1920
1900
1880
1860
1840
1820
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 11. Noise Figure vs. Temperature
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1800 1820 1840 1860 1880 1900 1920 1940 1960
2000
1980
FREQUENCY (MHz)
Figure 12. Noise Figure vs. Frequency at 25°C, Multiple Devices
18.0
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
17.5
39
19
21
23
25
27
29
31
33
35
37
1920
1930
1940
1950
1960
1970
1980
FREQUENCY (MHz)
–40°C
–40°C
+85°C
+85°C
+25°C
+25°C
GAIN
–40°C
+85°C
+25°C
OIP3
P1dB
Figure 13. Gain, OIP3, and P1dB vs. Temperature
40
38
36
34
32
30
28
26
24
22
20
–8
–4
–6
–2
20
18
16
14
12
10
8
6
4
2
0
POUT PER TONE (dBm)
–40°C
+85°C
+25°C
Figure 14. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com