Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5521
Description  Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5521 Datasheet HTML 7Page - Analog Devices ADL5521 Datasheet HTML 8Page - Analog Devices ADL5521 Datasheet HTML 9Page - Analog Devices ADL5521 Datasheet HTML 10Page - Analog Devices ADL5521 Datasheet HTML 11Page - Analog Devices ADL5521 Datasheet HTML 12Page - Analog Devices ADL5521 Datasheet HTML 13Page - Analog Devices ADL5521 Datasheet HTML 14Page - Analog Devices ADL5521 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
ADL5521
Rev. C | Page 11 of 24
900 MHz, VPOS = 3 V
Matched for optimal noise figure, external matching circuit included.
25
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
600 650 700 750 800 850 900 950 1000 1050 1100 1150 1200
FREQUENCY (MHz)
S11
S21
S12
S22
Figure 27. Typical S-Parameters, Log Magnitude
22
20
18
16
14
12
10
8
6
4
2
0
34
32
30
28
26
24
22
20
18
16
14
12
850
860
870
880
890
900
910
920
930
940
950
FREQUENCY (MHz)
GAIN
OIP3
P1dB
NOISE FIGURE
Figure 28. Noise Figure, Gain, OIP3, and P1dB vs. Frequency
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
800
1000
980
960
940
920
900
880
860
840
820
FREQUENCY (MHz)
–40°C
+85°C
+25°C
Figure 29. Noise Figure vs. Temperature
2.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
800
820
840
860
880
900
920
940
960
1000
980
FREQUENCY (MHz)
Figure 30. Noise Figure vs. Frequency at 25°C, Multiple Devices
22.5
22.0
21.5
21.0
20.5
20.0
19.5
19.0
18.5
32
30
28
26
24
22
20
18
16
850
870
880
890
900
910
920
930
940
860
950
FREQUENCY (MHz)
–40°C
–40°C
+85°C
+25°C
+85°C
+25°C
OIP3
GAIN
P1dB
–40°C
+85°C
+25°C
Figure 31. Gain, OIP3, and P1dB vs. Temperature
31
30
29
28
27
26
25
24
23
22
21
20
19
18
–4
–2
02468
10
12
14
16
18
20
POUT PER TONE (dBm)
–40°C
+85°C
+25°C
Figure 32. OIP3 vs. Output Power (POUT) and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com