Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5521 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5521
Description  Low Noise Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5521 Datasheet(HTML) 3 Page - Analog Devices

  ADL5521 Datasheet HTML 1Page - Analog Devices ADL5521 Datasheet HTML 2Page - Analog Devices ADL5521 Datasheet HTML 3Page - Analog Devices ADL5521 Datasheet HTML 4Page - Analog Devices ADL5521 Datasheet HTML 5Page - Analog Devices ADL5521 Datasheet HTML 6Page - Analog Devices ADL5521 Datasheet HTML 7Page - Analog Devices ADL5521 Datasheet HTML 8Page - Analog Devices ADL5521 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADL5521
Rev. C | Page 3 of 24
SPECIFICATIONS
AC SPECIFICATIONS
TA = 25°C, R1 = 1.3 kΩ; parameters include matching circuit, matched for optimal noise, unless otherwise noted.
Table 1.
3 V
5 V
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
FREQUENCY = 900 MHz
Gain (S21)
20.3
20.8
dB
vs. Frequency
±50 MHz
±0.28
±0.33
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.53
±0.46
dB
Noise Figure1
0.8
0.9
dB
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, POUT = 0 dBm per tone
28.0
37.0
dBm
Output 1 dB Compression Point (P1dB)
17.8
21.8
dBm
Input Return Loss (S11)
−8.0
−9.0
dB
Output Return Loss (S22)
−14.7
−15.3
dB
Isolation (S12)
−23.8
−25.0
dB
FREQUENCY = 1950 MHz
Gain (S21)
15.4
14.7
15.8
17.0
dB
vs. Frequency
±30 MHz
±0.04
±0.06
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.43
±0.40
dB
Noise Figure1
1.0
1.0
dB
Output Third-Order Intercept (OIP3)
Δf = MHz, POUT = 0 dBm per tone
29.0
35.0
dBm
Output 1 dB Compression Point (P1dB)
17.6
21.8
dBm
Input Return Loss (S11)
−10.5
−12.5
dB
Output Return Loss (S22)
−25.5
−25.5
dB
Isolation (S12)
−20.2
−21.0
dB
FREQUENCY = 2600 MHz
Gain (S21)
12.4
12.8
dB
vs. Frequency
±100 MHz
±0.35
±0.35
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.46
±0.45
dB
Noise Figure1
0.9
1.0
dB
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, POUT = 0 dBm per tone
30.5
35.5
dBm
Output 1 dB Compression Point (P1dB)
17.1
21.5
dBm
Input Return Loss (S11)
−7.1
−7.7
dB
Output Return Loss (S22)
−14.1
−13.5
dB
Isolation (S12)
−20.0
−20.5
dB
FREQUENCY = 3500 MHz
Gain (S21)
10.0
10.3
dB
vs. Frequency
±100 MHz
±0.56
±0.59
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.66
±0.63
dB
Noise Figure1
1.0
1.1
dB
Output Third-Order Intercept (OIP3)
Δf = 1 MHz, POUT = 0 dBm per tone
31.0
36.0
dBm
Output 1 dB Compression Point (P1dB)
17.0
20.9
dBm
Input Return Loss (S11)
−18.0
−18.3
dB
Output Return Loss (S22)
−10.5
−11.0
dB
Isolation (S12)
−17.8
−18.1
dB
1
Noise figure de-embedded to first matching component on input side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com