Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5016
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 2Page - Cirrus Logic CS5016 Datasheet HTML 3Page - Cirrus Logic CS5016 Datasheet HTML 4Page - Cirrus Logic CS5016 Datasheet HTML 5Page - Cirrus Logic CS5016 Datasheet HTML 6Page - Cirrus Logic CS5016 Datasheet HTML 7Page - Cirrus Logic CS5016 Datasheet HTML 8Page - Cirrus Logic CS5016 Datasheet HTML 9Page - Cirrus Logic CS5016 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
CS5016
CS5016 ANALOG CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V;
VA-, VD- = -5V; VREF = 4.5V; CLKIN = 4 MHz for -16, 2 MHz for -32; Analog Source Impedance = 200
Ω;
Synchronous Sampling.)
CS5016
Parameter*
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
0 to +70
-40 to +85
-55 to +125
°C
Accuracy
Linearity Error
J, A, S
(Note 1)
Drift
(Note 2)
0.001
±1/4
0.0015
%FS
∆LSB16
Differential Linearity
(Note 10) 16
16
16
Bits
Full Scale Error
J, A, S
(Note 1)
Drift
(Note 2)
±2
±1
±3
LSB16
∆LSB16
Unipolar Offset
J, A, S
(Note 1)
Drift
(Note 2)
±1
±1
±3
LSB16
∆LSB16
Bipolar Offset
(Note 1)
Drift
(Note 2)
±1
±2
±2
LSB16
∆LSB16
Bipolar Negative Full-Scale Error(Note 1)
Drift
(Note 2)
±2
±2
±3
LSB16
∆LSB16
Dynamic Performance (Bipolar Mode)
Peak Harmonic or
(Note 1)
Spurious Noise
Full Scale, 1 kHz Input
Full Scale, 12 kHz Input
100
85
104
91
dB
dB
Total Harmonic Distortion
Full Scale, 1 kHz Input
0.001
%
Signal-to-Noise Ratio
(Notes 1 and 9)
1 kHz, 0 dB Input
1 kHz, -60 dB Input
90
92
32
dB
dB
Noise
(Note 3)
Unipolar Mode
Bipolar Mode
35
70
µVrms
µVrms
Notes: 10. Minimum resolution for which no missing codes is guaranteed
* Refer to
Parameter Definitions (immediately following the pin descriptions at the end of this data sheet).
Specifications are subject to change without notice.
2-12
DS14F8
CS5012A CS5014 CS5016
6
DS14F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com