Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5016
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 7Page - Cirrus Logic CS5016 Datasheet HTML 8Page - Cirrus Logic CS5016 Datasheet HTML 9Page - Cirrus Logic CS5016 Datasheet HTML 10Page - Cirrus Logic CS5016 Datasheet HTML 11Page - Cirrus Logic CS5016 Datasheet HTML 12Page - Cirrus Logic CS5016 Datasheet HTML 13Page - Cirrus Logic CS5016 Datasheet HTML 14Page - Cirrus Logic CS5016 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
THEORY OF OPERATION
The CS5012A/14/16 family utilize a successive
approximation conversion technique. The analog
input is successively compared to the output of a
D/A converter controlled by the conversion algo-
rithm. Successive approximation begins by
comparing the analog input to the DAC output
which is set to half-scale (MSB on, all other bits
off). If the input is found to be below half-scale,
the MSB is reset to zero and the input is com-
pared to one-quarter scale (next MSB on, all
others off). If the input were above half-scale, the
MSB would remain high and the next compari-
son would be at three-quarters of full scale. This
procedure continues until all bits have been exer-
cised.
A unique charge redistribution architecture is
used to implement the successive approximation
algorithm. Instead of the traditional resistor net-
work, the DAC is an array of binary-weighted
capacitors. All capacitors in the array share a
common node at the comparator’s input. Their
other terminals are capable of being connected to
AIN, AGND, or VREF (Figure 1). When the de-
vice is not calibrating or converting, all capacitors
are tied to AIN forming Ctot. Switch S1 is closed
and the charge on the array, Qin, tracks the input
signal Vin (Figure 2a).
When the conversion command is issued, switch
S1 opens as shown in Figure 2b. This traps
charge Qin on the comparator side of the capaci-
tor array and creates a floating node at the
comparator’s input. The conversion algorithm op-
erates on this fixed charge, and the signal at the
analog input pin is ignored. In effect, the entire
DAC capacitor array serves as analog memory
AIN
VREF
AGND
C
C/2
C/4
C/8
MSB
LSB
Bit 11
Bit 10
Bit 9
Bit 8
Bit 0
Dummy
C/X
S1
Bit 13
Bit 15
Bit 12
Bit 14
Bit 11
Bit 13
Bit 10
Bit 12
CS5012A:
CS5014:
CS5016:
C/X
X = 2048
X = 8192
X = 32768
CS5012A
CS5014
CS5016
C
= C + C/2 + C/4 + ... + C/X
tot
Figure 1. Charge Redistribution DAC
(1-D) C tot
in
Q
+
-
Vfn
To MCU
S1
C tot
D .
VREF
AGND
D
for
VREF
Vin
= 0V
fn
V
=
Figure 2b. Convert Mode
in
Q
Ctot
S1
Vin
AIN
+
-
To MCU
= Vin Ctot
in
-Q
Figure 2a. Tracking Mode
CS5012A, CS5014, CS5016
DS14F8
2-17
CS5012A CS5014 CS5016
DS14F9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com