Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS5016
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 3Page - Cirrus Logic CS5016 Datasheet HTML 4Page - Cirrus Logic CS5016 Datasheet HTML 5Page - Cirrus Logic CS5016 Datasheet HTML 6Page - Cirrus Logic CS5016 Datasheet HTML 7Page - Cirrus Logic CS5016 Datasheet HTML 8Page - Cirrus Logic CS5016 Datasheet HTML 9Page - Cirrus Logic CS5016 Datasheet HTML 10Page - Cirrus Logic CS5016 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
CS5016
CS5016 ANALOG CHARACTERISTICS (continued)
CS5016-J, K
CS5016-A, B
CS5016-S, T
Parameter*
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Specified Temperature Range
0 to +70
-40 to +85
-55 to +125
°C
Analog Input
Aperture Time
25
25
25
ns
Aperture Jitter
100
100
100
ps
Input Capacitance
(Note 4)
Unipolar Mode
Bipolar Mode
275
165
375
220
pF
pF
Conversion & Throughput
Conversion Time
-16 (Notes 5 and 6)
-32
16.25
µs
Acquisition Time
-16
(Note 6)
-32
3.0
3.75
µs
Throughput
-16
(Note 6)
-32
50
kSps
Power Supplies
DC Power Supply Currents
(Note 7)
IA+
IA-
ID+
ID-
9
-9
3
-3
19
-19
6
-6
mA
mA
mA
mA
Power Dissipation
(Note 7)
120
250
120
250
120
250
mW
Power Supply Rejection
(Note 8)
Positive Supplies
Negative Supplies
84
84
dB
dB
DS14F8
2-13
CS5012A CS5014 CS5016
DS14F9
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com