Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5016
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 30Page - Cirrus Logic CS5016 Datasheet HTML 31Page - Cirrus Logic CS5016 Datasheet HTML 32Page - Cirrus Logic CS5016 Datasheet HTML 33Page - Cirrus Logic CS5016 Datasheet HTML 34Page - Cirrus Logic CS5016 Datasheet HTML 35Page - Cirrus Logic CS5016 Datasheet HTML 36Page - Cirrus Logic CS5016 Datasheet HTML 37Page - Cirrus Logic CS5016 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
PIN DESCRIPTIONS
Power Supply Connections
VD+ – Positive Digital Power, PIN 1
2.
Positive digital power supply. Nominally +5 volts.
VD- – Negative Digital Power, PIN
40.
Negative digital power supply. Nominally -5 volts.
DGND – Digital Ground, PIN 1
1.
Digital ground.
VA+ – Positive Analog Power, PIN
28.
Positive analog power supply. Nominally +5 volts.
VA- – Negative Analog Power, PIN
34.
Negative analog power supply. Nominally -5 volts.
AGND – Analog Ground, PIN
30.
Analog ground.
Oscillator
CLKIN – Clock Input, PIN
23.
All conversions and calibrations are timed from a master clock which can either be supplied by
driving this pin with an external clock signal, or can be internally generated by tying this pin to
DGND.
Digital Inputs
HOLD – Hold, PIN 1.
A falling transition on this pin sets the CS5012A/14/16 to the hold state and initiates a conversion.
This input must remain low at least one CLKIN cycle plus 50 ns.
CS – Chip Select, PIN
24.
When high, the data bus outputs are held in a high impedance state and the input to CAL and
INTRLV are ignored. A falling transition initiates or terminates burst or interleave calibration
(depending on the status of CAL and INTRLV) and a rising transition latches both the CAL and
INTRLV inputs. If RD is low, the data bus is driven as indicated by BW and A0.
RD – Read, PIN
25.
When RD and CS are both low, data is driven onto the data bus. If either signal is high, the data
bus outputs are held in a high impedance state. The data driven onto the bus is determined by BW
and A0.
CS5012A, CS5014, CS5016
DS14F8
2-41
CS5012A CS5014 CS5016
34
DS14F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com