Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5016
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 23Page - Cirrus Logic CS5016 Datasheet HTML 24Page - Cirrus Logic CS5016 Datasheet HTML 25Page - Cirrus Logic CS5016 Datasheet HTML 26Page - Cirrus Logic CS5016 Datasheet HTML 27Page - Cirrus Logic CS5016 Datasheet HTML 28Page - Cirrus Logic CS5016 Datasheet HTML 29Page - Cirrus Logic CS5016 Datasheet HTML 30Page - Cirrus Logic CS5016 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
analysis with the Discrete Fourier Transform",
Proc. IEEE, Vol. 66, No. 1, Jan 1978, pp.51-83.
This is available on request from Crystal Semi-
conductor.
Figures 18, 21, and 23 show the performance of
the CS5012A/14/16 with 1kHz full-scale inputs.
Figure 19 shows CS5012A performance with
12kHz full-scale inputs. Notice that the perform-
ance CS5012A/14/16 closely approaches that of
the corresponding ideal ADC.
CS5012A High Frequency Performance
The CS5012A performs very well over a wide
range of input frequencies as shown in Figure 24.
The figure depicts the CS5012A-KP7 tested un-
der four different conditions. The conditions
include tests with the voltage reference set at 4.5
and at 2.5 volts with input signals at 0.5 dB down
from full scale and 6.0 dB down from full scale.
The sample rate is at 100 kHz for all cases. The
plots indicate that the part performs very well
even with input frequencies above the Nyquist
rate. Best performance at the higher frequencies
is achieved with a 2.5 volt reference.
0
20
40
60
80
100
120
140
160
180
200
55
60
65
70
75
Signal to
Noise +
Distortion
Input Frequency (kHz)
/2
f s
fs
CS5012A
fs=100 kSps
2
1
3
4
4.5
2.5
4.5
2.5
FS-0.5dB
FS-0.5dB
FS-6.0dB
FS-6.0dB
1.
2.
3.
4.
VREF
Signal
(dB)
Figure 2
4. CS5012A High Frequency Input Performance
Signal
Amplitude
Relative to
Full Scale
dc
Input Frequency
S/(N+D): 97.5 dB
0dB
-20dB
-40dB
-60dB
-80dB
-100dB
-120dB
f /2
s
Figure 2
2. Plot of Ideal 16-bit ADC
Signal
Amplitude
Relative to
Full Scale
dc
Input Frequency
0dB
-20dB
-40dB
-60dB
-80dB
-100dB
-120dB
25 kHz
Sampling Rate: 50 kHz
Full Scale: 9V p-p
S/(N+D): 92.4 dB
1 kHz
Figure 2
3. CS5016 FFT plot with 1 kHz
Full Scale Input
CS5012A, CS5014, CS5016
DS14F8
2-33
CS5012A CS5014 CS5016
27
27
DS14F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com