Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5016 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5016
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5016 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5016 Datasheet HTML 24Page - Cirrus Logic CS5016 Datasheet HTML 25Page - Cirrus Logic CS5016 Datasheet HTML 26Page - Cirrus Logic CS5016 Datasheet HTML 27Page - Cirrus Logic CS5016 Datasheet HTML 28Page - Cirrus Logic CS5016 Datasheet HTML 29Page - Cirrus Logic CS5016 Datasheet HTML 30Page - Cirrus Logic CS5016 Datasheet HTML 31Page - Cirrus Logic CS5016 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Signal to Noise + Distortion vs Signal Level
As illustrated in Figures 25 - 28, the CS5014/16’s
on-chip self-calibration provides very accurate bit
weights which yield no degradation in quantiza-
tion noise with low-level input signals. In fact,
quantization noise remains below the noise floor
in the CS5016, which dictates the converter’s sig-
nal-to-noise performance.
CS5016 Noise Considerations
All analog circuitry in the CS5016 is wideband in
order to achieve fast conversions and high
throughput. Wideband noise in the CS5016 inte-
grates to 35
µV rms in unipolar mode (70 µV rms
in bipolar mode). This is approximately 1/2 LSB
rms with a 4.5V reference in both modes. Figure
29 shows a histogram plot of output code occur-
rences obtained from 5000 samples taken from a
CS5016 in the bipolar mode. Hexadecimal code
80CD was arbitrarily selected and the analog in-
put was set close to code center. With a noiseless
converter, code 80CD would always appear. The
histogram plot of the CS5016 has a "bell" shape
with all codes other than 80CD due to internal
noise.
In a sampled data system all information about the
analog input applied to the sample/hold appears in
the baseband from dc to one-half the sampling rate.
This includes high-frequency components which
alias into the baseband. Low-pass (anti-alias) filters
Analog Input Amplitude
-100 dB -80 dB -60 dB -40 dB -20 dB
0 dB
100 dB
80 dB
60 dB
40 dB
20 dB
0 dB
1 kHz
12 kHz
24 kHz
Input
Frequencies
Figure 2
5. CS5014 S/(N+D) vs. Input Amplitude
(9Vp-p Full-Scale Input)
Analog Input Amplitude
-100 dB -80 dB -60 dB -40 dB -20 dB
0 dB
100 dB
80 dB
60 dB
40 dB
20 dB
0 dB
1 kHz
12 kHz
24 kHz
Input
Frequency
Figure 2
7. CS5016 S/(N+D) vs. Input Amplitude
(9Vp-p Full-Scale Input)
Signal
Amplitude
Relative to
Full Scale
dc
Input Frequency
0dB
-20dB
-40dB
-60dB
-80dB
-100dB
-120dB
28 kHz
1 kHz
Sampling Rate: 56 kHz
Full Scale: 9V p-p
S/(N+D): 24.1 dB
Figure 2
6. CS5014 FFT plot with 1 kHz
-60 dB Input
Signal
Amplitude
Relative to
Full Scale
dc
Input Frequency
0dB
-20dB
-40dB
-60dB
-80dB
-100dB
-120dB
25 kHz
Sampling Rate: 50 kHz
Full Scale: 9V p-p
S/(N+D): 9.6 dB
1 kHz
Figure 2
8. CS5016 FFT plot with 1 kHz
-80 dB Input
CS5012A, CS5014, CS5016
2-34
DS14F8
CS5012A CS5014 CS5016
28
DS14F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com