Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380LQ331M350J032 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 380LQ331M350J032
Description  High Capacitance per Case Size
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LQ331M350J032 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  380LQ331M350J032 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
380LQ
272
M
200
A05
2
A
Case
Type
Cap
Tolerance
Voltage
Code
Insulation
Pin Styles
380LQ 561 = 560 µF
M = ±20%
016 = 16 Vdc
2 = PVC
Blank = 2 pins
272 = 2700 µF
200 = 200 Vdc
snap-in 6.3 mm L
392 = 3900 µF
450 = 450 Vdc
A = 2 pins snap-in
4.0 mm L
Outline Drawing
Insulated Case Dimensions
Type 380LQ 85 °C Compact, High Capacitance Snap-in Capacitors
High Capacitance per Case Size
DIAMETER
D
LENGTH
Typical
DIAMETER
D
LENGTH
Typical
Case
L
Weight
Case
L
Weight
Code
mm
inches
mm
inches
(grams)
Code
mm
inches
mm
inches
(grams)
H01
22
0.87
25
0.98
16
K01
30
1.18
25
0.98
30
H02
22
0.87
30
1.18
19
K02
30
1.18
30
1.18
35
H03
22
0.87
35
1.38
22
K03
30
1.18
35
1.38
40
H04
22
0.87
40
1.57
24
K04
30
1.18
40
1.57
44
H45
22
0.87
45
1.77
28
K45
30
1.18
45
1.77
49
H05
22
0.87
50
1.97
31
K05
30
1.18
50
1.97
53
J01
25
0.98
25
0.98
20
A01
35
1.38
25
0.98
42
J02
25
0.98
30
1.18
24
A02
35
1.38
30
1.18
48
J03
25
0.98
35
1.38
27
A03
35
1.38
35
1.38
54
J04
25
0.98
40
1.57
31
A04
35
1.38
40
1.57
60
J45
25
0.98
45
1.77
35
A45
35
1.38
45
1.77
67
J05
25
0.98
50
1.97
38
A05
35
1.38
50
1.97
74
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Part Numbering System
1.5 0.2
2.0max.
4.0 mm pin length
option (add “A” to end
of part#)
Top of
Capacitor
Body
0.8+0.2
-0.1
3.5
1.5 0.2
2.0max.
6.3 mm pin length
Top of
Capacitor
Body
0.8
+0.2
-0.1
Dimensions shown are in mm
6.3 pin length
4.0 pin length
±



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com