Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380LQ331M350J032 Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # 380LQ331M350J032
Description  High Capacitance per Case Size
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LQ331M350J032 Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  380LQ331M350J032 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Type 380LQ 85 °C Compact, High Capacitance Snap-in Capacitors
High Capacitance per Case Size
Cap.
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +85°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(uF)
(ohms)
(ohms)
(A)
(A)
(mm)
100 Vdc (125 Vdc Surge)
2200
380LQ222M100K012
0.151
0.098
3.14
3.61
30 x 25
2700
380LQ272M100J452
0.123
0.080
3.66
4.21
25 x 45
2700
380LQ272M100A022
0.123
0.080
3.71
4.27
35 x 30
3300
380LQ332M100A022
0.100
0.065
4.06
4.67
35 x 30
3900
380LQ392M100K052
0.085
0.055
4.54
5.22
30 x 50
4700
380LQ472M100K052
0.071
0.046
5.13
5.90
30 x 50
5600
380LQ562M100A052
0.059
0.041
5.75
6.61
35 x 50
6800
380LQ682M100A052
0.049
0.034
6.60
7.59
35 x 50
160 Vdc (200 Vdc Surge)
560
380LQ561M160H042
0.355
0.160
2.25
3.15
22 x 40
680
380LQ681M160H042
0.293
0.132
2.35
3.29
22 x 40
820
380LQ821M160J042
0.243
0.109
2.75
3.85
25 x 40
1000
380LQ102M160J042
0.199
0.090
3.00
4.20
25 x 40
1200
380LQ122M160K032
0.166
0.075
3.25
4.55
30 x 35
1500
380LQ152M160K452
0.133
0.060
3.73
5.22
30 x 45
1800
380LQ182M160K452
0.111
0.050
4.20
5.88
30 x 45
2200
380LQ222M160K052
0.098
0.049
4.78
6.69
30 x 50
2700
380LQ272M160A042
0.080
0.040
5.45
7.63
35 x 40
2700
380LQ272M160A052
0.074
0.033
5.45
7.63
35 x 50
3300
380LQ332M160A052
0.070
0.035
5.75
8.05
35 x 50
180 Vdc (225 Vdc Surge)
470
380LQ471M180H022
0.423
0.190
1.91
2.68
22 x 30
560
380LQ561M180H042
0.355
0.160
2.25
3.15
22 x 40
680
380LQ681M180J032
0.290
0.130
1.70
2.38
25 x 35
820
380LQ821M180H452
0.240
0.110
2.00
2.80
22 x 45
1000
380LQ102M180H052
0.200
0.090
2.99
4.19
22 x 50
1200
380LQ122M180J052
0.170
0.080
3.31
4.63
25 x 50
1500
380LQ152M180J052
0.130
0.060
3.83
5.36
25 x 50
1800
380LQ182M180K052
0.120
0.054
4.32
6.05
30 x 50
2200
380LQ222M180K052
0.100
0.050
4.86
6.81
30 x 50
2700
380LQ272M180A052
0.090
0.040
5.30
7.42
35 x 50
200 Vdc (250 Vdc Surge)
390
380LQ391M200H022
0.510
0.230
1.68
2.35
22 x 30
470
380LQ471M200H022
0.423
0.190
1.85
2.59
22 x 30
560
380LQ561M200H042
0.360
0.160
2.18
3.05
22 x 40
680
380LQ681M200J032
0.290
0.130
2.48
3.47
25 x 35
820
380LQ821M200H452
0.240
0.110
2.75
3.85
22 x 45
1000
380LQ102M200H452
0.199
0.090
3.25
4.55
22 x 45
1000
380LQ102M200H052
0.200
0.090
3.20
4.48
22 x 50
1000
380LQ102M200K022
0.199
0.090
3.25
4.55
30 x 30
1200
380LQ122M200J052
0.166
0.075
3.50
4.90
25 x 50
1200
380LQ122M200K022
0.166
0.075
3.50
4.90
30 x 30
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com