Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380LQ331M350J032 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 380LQ331M350J032
Description  High Capacitance per Case Size
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LQ331M350J032 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  380LQ331M350J032 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Type 380LQ 85 °C Compact, High Capacitance Snap-in Capacitors
High Capacitance per Case Size
Cap.
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +85°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(uF)
(ohms)
(ohms)
(A)
(A)
(mm)
16 Vdc (20 Vdc Surge)
12000
380LQ123M016H022
0.069
0.059
3.13
3.60
22 x 30
15000
380LQ153M016H032
0.055
0.047
3.69
4.24
22 x 35
18000
380LQ183M016H032
0.046
0.039
3.10
4.58
22 x 35
22000
380LQ223M016H042
0.038
0.032
4.52
5.20
22 x 40
27000
380LQ273M016H052
0.031
0.026
6.31
7.26
22 x 50
33000
380LQ333M016K032
0.025
0.021
6.84
7.87
30 x 35
39000
380LQ393M016K042
0.024
0.020
6.94
7.98
30 x 40
47000
380LQ473M016K452
0.023
0.019
7.47
8.59
30 x 45
56000
380LQ563M016A452
0.022
0.018
8.73
10.04
35 x 45
68000
380LQ683M016A452
0.021
0.018
9.05
10.41
35 x 45
82000
380LQ823M016A052
0.020
0.018
9.49
10.91
35 x 50
100000
380LQ104M016A052
0.019
0.018
10.18
11.71
35 x 50
25 Vdc (32 Vdc Surge)
8200
380LQ822M025H022
0.081
0.065
2.86
3.29
22 x 30
12000
380LQ123M025J022
0.055
0.044
4.10
4.72
25 x 30
15000
380LQ153M025J032
0.044
0.035
4.63
5.32
25 x 35
18000
380LQ183M025J042
0.037
0.029
5.47
6.29
25 x 40
18000
380LQ183M025K012
0.037
0.029
4.66
5.36
30 x 25
22000
380LQ223M025J452
0.030
0.024
6.10
7.02
25 x 45
27000
380LQ273M025K042
0.025
0.020
6.21
7.14
30 x 40
33000
380LQ333M025K452
0.020
0.016
6.84
7.87
30 x 45
39000
380LQ393M025A452
0.020
0.016
7.36
8.46
35 x 45
47000
380LQ473M025A052
0.019
0.015
8.00
9.20
35 x 50
56000
380LQ563M025A052
0.019
0.016
8.91
10.25
35 x 50
35 Vdc (44 Vdc Surge)
5600
380LQ562M035H022
0.104
0.078
2.79
3.20
22 x 30
8200
380LQ822M035J022
0.071
0.053
4.00
4.60
25 x 30
10000
380LQ103M035J022
0.058
0.044
4.42
5.08
25 x 30
10000
380LQ103M035J032
0.058
0.044
4.42
5.08
25 x 35
12000
380LQ123M035J042
0.048
0.036
5.05
5.81
25 x 40
12000
380LQ123M035K012
0.048
0.036
4.15
4.77
30 x 25
15000
380LQ153M035K042
0.036
0.027
5.60
6.40
30 x 40
18000
380LQ183M035K452
0.032
0.024
5.68
6.53
30 x 45
22000
380LQ223M035K452
0.026
0.020
6.10
7.02
30 x 45
27000
380LQ273M035A052
0.021
0.016
6.84
7.87
35 x 50
33000
380LQ333M035A052
0.018
0.014
7.15
8.22
35 x 50
39000
380LQ393M035A052
0.017
0.014
7.91
9.10
35 x 50
47000
380LQ473M035A552
0.017
0.014
8.56
9.84
35 x 55
50 Vdc (63 Vdc Surge)
3300
380LQ332M050H012
0.151
0.113
2.41
2.77
22 x 25
4700
380LQ472M050H032
0.106
0.079
3.03
3.48
22 x 35
5600
380LQ562M050J032
0.089
0.067
3.42
3.93
25 x 35
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800
Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com