Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380LQ331M350J032 Datasheet(PDF) 6 Page - Cornell Dubilier Electronics

Part # 380LQ331M350J032
Description  High Capacitance per Case Size
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LQ331M350J032 Datasheet(HTML) 6 Page - Cornell Dubilier Electronics

Back Button 380LQ331M350J032 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 9Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 10Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Type 380LQ 85 °C Compact, High Capacitance Snap-in Capacitors
High Capacitance per Case Size
Cap.
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +85°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(uF)
(ohms)
(ohms)
(A)
(A)
(mm)
200 Vdc (250 Vdc Surge)
1500
380LQ152M200K052
0.130
0.070
3.87
5.12
30 x 50
1800
380LQ182M200K052
0.160
0.080
4.32
6.05
30 x 50
1800
380LQ182M200A032
0.120
0.060
4.32
6.05
35 x 35
2200
380LQ222M200K052
0.098
0.049
4.92
6.89
30 x 50
2200
380LQ222M200A042
0.105
0.053
4.81
6.73
35 x 40
2700
380LQ272M200A052
0.105
0.052
5.00
7.00
35 x 50
250 Vdc (300 Vdc Surge)
270
380LQ271M250H022
0.737
0.332
1.31
1.83
22 x 30
330
380LQ331M250H022
0.603
0.271
1.66
2.32
22 x 30
390
380LQ391M250J032
0.510
0.230
1.91
2.67
25 x 35
470
380LQ471M250J032
0.420
0.190
2.11
2.95
25 x 35
470
380LQ471M250J042
0.423
0.190
2.11
2.95
25 x 40
560
380LQ561M250J022
0.355
0.160
2.20
3.08
25 x 30
560
380LQ561M250J032
0.355
0.160
2.25
3.15
25 x 35
680
380LQ681M250H052
0.293
0.132
2.30
3.20
22 x 50
680
380LQ681M250J032
0.293
0.132
2.50
3.50
25 x 35
680
380LQ681M250K022
0.293
0.132
2.50
3.50
30 x 30
820
380LQ821M250J452
0.240
0.110
2.77
3.88
25 x 45
820
380LQ821M250K022
0.243
0.109
2.77
3.88
30 x 30
1000
380LQ102M250K032
0.199
0.090
3.32
4.65
30 x 35
1000
380LQ102M250A022
0.199
0.090
3.32
4.65
35 x 30
1200
380LQ122M250K042
0.166
0.075
3.53
4.94
30 x 40
1200
380LQ122M250A032
0.166
0.083
3.53
4.94
35 x 35
1500
380LQ152M250K052
0.133
0.066
4.04
5.66
30 x 50
1500
380LQ152M250A042
0.133
0.066
4.04
5.66
35 x 40
1800
380LQ182M250A452
0.111
0.055
4.55
6.37
35 x 45
2200
380LQ222M250A052
0.105
0.052
5.00
7.00
35 x 50
315 Vdc (365 Vdc Surge)
180
380LQ181M315H022
1.100
0.553
1.21
1.69
22 x 30
220
380LQ221M315H032
0.900
0.452
1.41
1.97
22 x 35
270
380LQ271M315J032
0.740
0.370
1.60
2.24
25 x 35
330
380LQ331M315J042
0.600
0.300
1.82
2.55
25 x 40
390
380LQ391M315J042
0.510
0.255
2.01
2.81
25 x 40
390
380LQ391M315K022
0.510
0.255
2.01
2.81
30 x 30
470
380LQ471M315J042
0.420
0.270
2.27
3.18
25 x 40
470
380LQ471M315K022
0.423
0.212
2.27
3.18
30 x 30
560
380LQ561M315J052
0.360
0.200
2.49
3.56
25 x 50
560
380LQ561M315K032
0.355
0.178
2.56
3.58
30 x 35
680
380LQ681M315K042
0.293
0.148
2.87
4.02
30 x 40
680
380LQ681M315A032
0.293
0.146
2.87
4.55
35 x 35
820
380LQ821M315K452
0.243
0.121
3.25
4.55
30 x 45
820
380LQ821M315A042
0.243
0.121
3.25
4.55
35 x 40
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com