Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380LQ331M350J032 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # 380LQ331M350J032
Description  High Capacitance per Case Size
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LQ331M350J032 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  380LQ331M350J032 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Type 380LQ 85 °C Compact, High Capacitance Snap-in Capacitors
High Capacitance per Case Size
Cap.
Catalog Part Number
Max. ESR
Ripple Amps
Nominal
@ +25°C
@ +85°C
Size
120 Hz
20 kHz
120 Hz
20 kHz
D x L
(uF)
(ohms)
(ohms)
(A)
(A)
(mm)
50 Vdc (63 Vdc Surge)
6800
380LQ682M050H452
0.073
0.055
3.85
4.43
22 x 45
6800
380LQ682M050J022
0.073
0.055
3.22
3.71
25 x 30
8200
380LQ822M050H452
0.061
0.045
4.41
5.07
22 x 45
8200
380LQ822M050J032
0.061
0.045
4.41
5.07
25 x 35
10000
380LQ103M050J052
0.050
0.037
4.97
5.72
25 x 50
10000
380LQ103M050A032
0.050
0.037
4.97
5.72
35 x 35
12000
380LQ123M050A032
0.041
0.031
5.58
6.42
35 x 35
18000
380LQ183M050A452
0.028
0.021
6.94
7.98
35 x 45
22000
380LQ223M050A052
0.023
0.018
7.57
8.71
35 x 50
27000
380LQ273M050A052
0.018
0.015
8.96
10.30
35 x 50
63 Vdc (79 Vdc Surge)
2200
380LQ222M063H022
0.188
0.141
2.35
2.70
22 x 30
3300
380LQ332M063H042
0.126
0.094
2.72
3.13
22 x 40
3900
380LQ392M063J022
0.106
0.080
3.13
3.60
25 x 30
4700
380LQ472M063J032
0.088
0.066
3.59
4.13
25 x 35
4700
380LQ472M063K022
0.061
0.046
3.89
4.48
30 x 30
5600
380LQ562M063K042
0.074
0.056
4.11
4.72
30 x 40
6800
380LQ682M063K042
0.061
0.046
4.55
5.24
30 x 40
8200
380LQ822M063A032
0.051
0.038
4.68
5.38
35 x 35
10000
380LQ103M063K042
0.041
0.031
5.35
6.15
30 x 40
10000
380LQ103M063K452
0.041
0.031
6.52
7.50
30 x 45
12000
380LQ123M063K052
0.035
0.026
7.15
8.22
30 x 50
15000
380LQ153M063A052
0.028
0.021
7.91
9.10
35 x 50
18000
380LQ183M063A552
0.023
0.018
8.55
9.83
35 x 55
80 Vdc (100 Vdc Surge)
1500
380LQ152M080H022
0.221
0.166
2.01
2.31
22 x 30
1800
380LQ182M080H032
0.184
0.138
2.11
2.43
22 x 35
2200
380LQ222M080H042
0.151
0.113
2.73
3.14
22 x 40
2700
380LQ272M080J042
0.123
0.092
2.78
3.20
25 x 40
3300
380LQ332M080J042
0.100
0.075
3.21
3.69
25 x 40
3900
380LQ392M080K042
0.085
0.064
3.59
4.13
30 x 40
4700
380LQ472M080K042
0.071
0.053
4.09
4.70
30 x 40
5600
380LQ562M080K452
0.059
0.044
4.55
5.23
30 x 45
6800
380LQ682M080K052
0.049
0.037
5.16
5.93
30 x 50
8200
380LQ822M080A452
0.040
0.030
5.83
6.70
35 x 45
10000
380LQ103M080A052
0.040
0.030
5.83
6.70
35 x 50
100 Vdc (125 Vdc Surge)
1000
380LQ102M100H022
0.332
0.216
2.12
2.44
22 x 30
1200
380LQ122M100H022
0.276
0.180
2.12
2.44
22 x 30
1500
380LQ152M100K012
0.221
0.144
2.57
2.96
30 x 25
1800
380LQ182M100H042
0.184
0.120
2.60
2.99
22 x 40
2200
380LQ222M100J452
0.151
0.098
3.14
3.61
25 x 45
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com