Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380LQ331M350J032 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 380LQ331M350J032
Description  High Capacitance per Case Size
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

380LQ331M350J032 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  380LQ331M350J032 Datasheet HTML 1Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 2Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 3Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 4Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 5Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 6Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 7Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 8Page - Cornell Dubilier Electronics 380LQ331M350J032 Datasheet HTML 9Page - Cornell Dubilier Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Type 380LQ 85 °C Compact, High Capacitance, Snap-In Aluminum
High Capacitance per Case Size
Type 380LQ is on average 27% smaller and more than 10 mm shorter
than Type 380LX. This is achieved with a new can-closure method that
permits installing capacitor elements into smaller cans. Approaching
the capability of the 380LX, the new 380LQ enables you to shrink
equipment size and retain the original performance.
Highlights
- New, more capacitance per case
- Compare to Type 380LX
- New, lower voltages down to 16 V
Specifications
Temperature Range
–40 °C to + 85 °C ≤ 315 Vdc
–25 °C to + 85 °C ≥ 350 Vdc
Rated Voltage Range
16 Vdc to 450 Vdc
Capacitance Range
82 µF to 100,000 µF
Capacitance Tolerance
±20%
Leakage Current
≤ 3 √CV µA, 4 mA max, 5 minutes
Ripple Current Multipliers
Ambient Temperature
Low Temperature Characteristics
I
mpedance ratio: Z
–20⁰C ∕ Z+25⁰C
≤ 8 (16–50 Vdc)
≤ 4 (63–100 Vdc)
≤ 3 (150–450 Vdc)
Endurance Life Test
2000 h at full load at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Shelf Life Test
1000 h at 85 °C
∆ Capacitance ±20%
ESR 200% of limit
DCL 100% of limit
Vibration
10 to 55 Hz, 0.06” and 10 g max, 2 h each plane
RoHS Compliant
Frequency
45 ºC
60 ºC
70 ºC
85 ºC
1.50
1.40
1.30
1.00
Voltage
50 Hz 60 Hz 120 Hz 500 kHz 1 kHz
10
kHz &
Up
16–100 WV
0.93
0.95
1.00
1.05
1.08
1.15
160–450 WV 0.75
0.80
1.00
1.20
1.25
1.40
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800


Similar Part No. - 380LQ331M350J032

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
380LQ331M350J032 ETC2-380LQ331M350J032 Datasheet
411Kb / 6P
85 ?C Compact, High-Capacitance Snap-in
More results

Similar Description - 380LQ331M350J032

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
Ultra High Capacitance, Small Case Size Options
SLPX CDE-SLPX Datasheet
376Kb / 9P
Small case size with high capacitance
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
Higher Capacitance per Case Size
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
High capacitance in given case size
logo
Mallory Sonalert Produc...
PA-22034-01-BLACK MSPI-PA-22034-01-BLACK Datasheet
338Kb / 1P
Case Size T1
PA-22034-01-BLUE MSPI-PA-22034-01-BLUE Datasheet
336Kb / 1P
Case Size T1
PA-22034-02-BLUE MSPI-PA-22034-02-BLUE Datasheet
337Kb / 1P
Case Size T2
PA-22034-04-BLACK MSPI-PA-22034-04-BLACK Datasheet
338Kb / 1P
Case Size T2
PA-22034-04-BLUE MSPI-PA-22034-04-BLUE Datasheet
337Kb / 1P
Case Size T2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com