Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5525 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # EL5525
Description  18-Channel TFT-LCD Reference Voltage Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5525 Datasheet(HTML) 3 Page - Renesas Technology Corp

  EL5525 Datasheet HTML 1Page - Renesas Technology Corp EL5525 Datasheet HTML 2Page - Renesas Technology Corp EL5525 Datasheet HTML 3Page - Renesas Technology Corp EL5525 Datasheet HTML 4Page - Renesas Technology Corp EL5525 Datasheet HTML 5Page - Renesas Technology Corp EL5525 Datasheet HTML 6Page - Renesas Technology Corp EL5525 Datasheet HTML 7Page - Renesas Technology Corp EL5525 Datasheet HTML 8Page - Renesas Technology Corp EL5525 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
EL5525
FN7393 Rev 2.00
Page 3 of 10
September 21, 2010
Pin Descriptions
PIN NUMBER
PIN NAME
PIN TYPE
PIN DESCRIPTION
1ENA
Logic Input
Chip select, low enables data input to logic
2
SDI
Logic Input
Serial data input
3
SCLK
Logic Input
Serial data clock
4
SDO
Logic Output
Serial data output
5
EXT_OSC
Input/Output
Oscillator pin for synchronizing
6, 11, 16
VS
Power
Positive supply voltage for analog circuits (4.5V to 16.5V)
7
VSD
Power
Positive power supply for digital circuites (3.3V to 5V)
8, 9, 17
NC
Not connected
10
OSC_SELECT
Oscillator select, “0” = internal, “1” = external
12
REFH
Analog Input
High reference voltage
13
REFL
Analog Input
Low reference voltage
14, 24, 28, 35
GND
Power
Ground
15
CAP
Analog
Decoupling capacitor for internal reference
18
OUTR
Analog Output
Channel R output voltage
19
OUTQ
Analog Output
Channel Q output voltage
20
OUTP
Analog Output
Channel P output voltage
21
OUTO
Analog Output
Channel O output voltage
22
OUTN
Analog Output
Channel N output voltage
23
OUTM
Analog Output
Channel M output voltage
25
OUTL
Analog Output
Channel L output voltage
26
OUTK
Analog Output
Channel K output voltage
27
OUTJ
Analog Output
Channel J output voltage
29
OUTI
Analog Output
Channel I output voltage
30
OUTH
Analog Output
Channel H output voltage
31
OUTG
Analog Output
Channel G output voltage
32
OUTF
Analog Output
Channel F output voltage
33
OUTE
Analog Output
Channel E output voltage
34
OUTD
Analog Output
Channel D output voltage
36
OUTC
Analog Output
Channel C output voltage
37
OUTB
Analog Output
Channel B output voltage
38
OUTA
Analog Output
Channel A output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com