Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5525 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # EL5525
Description  18-Channel TFT-LCD Reference Voltage Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5525 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button EL5525 Datasheet HTML 2Page - Renesas Technology Corp EL5525 Datasheet HTML 3Page - Renesas Technology Corp EL5525 Datasheet HTML 4Page - Renesas Technology Corp EL5525 Datasheet HTML 5Page - Renesas Technology Corp EL5525 Datasheet HTML 6Page - Renesas Technology Corp EL5525 Datasheet HTML 7Page - Renesas Technology Corp EL5525 Datasheet HTML 8Page - Renesas Technology Corp EL5525 Datasheet HTML 9Page - Renesas Technology Corp EL5525 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
EL5525
FN7393 Rev 2.00
Page 8 of 10
September 21, 2010
takes to update the output depends on the timing at the VIN
and the state of the switches. It can take 1 to 18 clock cycles
to update each output.
For the sample and hold capacitor CH to maintain the
correct output voltage, the driving load shouldn’t be changed
at the rising edge of the OSC signal. Since at the rising edge
of the OSC clock, the refreshed switches are being opened,
if the load changes at that time, it will generate an error
output voltage. For a fixed load condition, the internal
oscillator can be used.
For the transient load condition, the external OSC mode
should be used to avoid the conflict between the rising edge
of the OSC signal and the changing load. So a timing delay
circuit will be needed to delay the OSC signal and avoid the
rising edge of the OSC signal and changing the load at the
same time.
Channel 3 --- sinking and sourcing 5mA current
Channel 2 --- EXT_OSC signal
Channel 1 --- VOUT
In Figure Table 8 on page 8, the OSC signal is synchronized
to the load signal. The rising edge of the OSC signal is then
delayed by some amount of time and gives enough time for
CH to be charged to a new voltage before the switches are
opened.
Ch1 --- Output1
Ch3 --- Output2
Ch2 --- EXT_OSC
At the falling edge of the OSC, output 1 is being refreshed,
and one clock cycle later, output 2 is being refreshed. The
spike you see here is the response of the output amplifier
when the refreshed switches are closed. When driving a big
capacitor load, there will be ringing at the spikes because
the phase margin of the amplifier is decreased.
The speed of the external OSC signal shouldn’t be greater
than 70kHz because for the worst condition, it will take at
least 4µs to charge the sample and hold capacitor CH. The
pulse width has to be at least 4µs long. From our lab test, the
duty cycle of the OSC signal must be greater than 30%.
POWER DISSIPATION
With the 30mA maximum continues output drive capability
for each channel, it is possible to exceed the +125°C
absolute maximum junction temperature. Therefore, it is
important to calculate the maximum junction temperature for
the application to determine if load conditions need to be
modified for the part to remain in the safe operation.
The maximum power dissipation allowed in a package is
determined according to: Equation 2:
where:
•TJMAX = Maximum junction temperature
•TAMAX = Maximum ambient temperature
•
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation in the package
The maximum power dissipation actually produced by the IC
is the total quiescent supply current times the total power
supply voltage and plus the power in the IC due to the loads.
when sourcing, and:
when sinking.
Where:
• i = 18
•VS = Supply voltage
•IS = Quiescent current
•VOUTi = Output voltage of the i channel
•ILOADi = Load current of the i channel
FIGURE 8. TRANSIENT LOAD RESPONSE
FIGURE 9. CHANNEL TO CHANNEL REFRESH
PDMAX
TJMAX - TAMAX
JA
---------------------------------------------
=
(EQ. 2)
PDMAX
VS IS  VS
- VOUTi ILOADi

+
=
(EQ. 3)
PDMAX
VS IS  VOUTiILOADi

+
=
(EQ. 4)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com