Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5525 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL5525
Description  18-Channel TFT-LCD Reference Voltage Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5525 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL5525 Datasheet HTML 2Page - Renesas Technology Corp EL5525 Datasheet HTML 3Page - Renesas Technology Corp EL5525 Datasheet HTML 4Page - Renesas Technology Corp EL5525 Datasheet HTML 5Page - Renesas Technology Corp EL5525 Datasheet HTML 6Page - Renesas Technology Corp EL5525 Datasheet HTML 7Page - Renesas Technology Corp EL5525 Datasheet HTML 8Page - Renesas Technology Corp EL5525 Datasheet HTML 9Page - Renesas Technology Corp EL5525 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
EL5525
FN7393 Rev 2.00
Page 7 of 10
September 21, 2010
Block Diagram
Channel Outputs
Each of the channel outputs has a rail-to-rail buffer. This
enables all channels to have the capability to drive to within
50mV of the power rails, (see Table Electrical Specifications
on page 2 for details).
When driving large capacitive loads, a series resistor should
be placed in series with the output. (Usually between 5
 and
50
).
Each of the channels is updated on a continuous cycle, the
time for the new data to appear at a specific output will
depend on the exact timing relationship of the incoming data
to this cycle.
The best-case scenario is when the data has just been
captured and then passed on to the output stage
immediately; this can be as short as 48µs. In the worst-case
scenario, this will be 860µs for EL5525, when the data has
just missed the cycle at f_OSC = 21kHz.
When a large change in output voltage is required, the
change will occur in 2V steps, thus the requisite number of
timing cycles will be added to the overall update time. This
means that a large change of 16V can take between 6.8ms
and 7.2ms depending on the absolute timing relative to the
update cycle.
Output Stage and the Use of External
Oscillator
The output voltage is generated from the DAC, which is VIN
in Figure 7. The refreshed switches are controlled by the
internal or external oscillator signal. When the OSC clock
signal is low, switches S1 and S2 are closed. The output
VOUT = VIN and at the same time the sample and hold cap
CH is being charged. When the OSC clock signal is high, the
refreshed switches S1 and S2 are opened and the output
voltage is maintained by CH. This refreshed process will
repeat every 18 clock cycles for each channel. The time
VOLTAGE
SOURCES
18
CHANNEL
REGISTERS
CONTROL IF
SDI
SCLK
ENA
EXT_OSC
SDO
CAP
REFL
OUTR
OUTQ
OUTP
OUTE
OUTD
OUTC
OUTB
OUTA
REFH
OSC_SELECT
-
+
VOUT
1.3V
FIGURE 7. SIMPLIFIED OUTPUT SAMPLE AND HOLD AMP
STAGE FOR ONE CHANNEL
S1
-
+
VIN
S2
-
+
CH
OSC
1.3V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com