Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5525 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL5525
Description  18-Channel TFT-LCD Reference Voltage Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5525 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL5525 Datasheet HTML 1Page - Renesas Technology Corp EL5525 Datasheet HTML 2Page - Renesas Technology Corp EL5525 Datasheet HTML 3Page - Renesas Technology Corp EL5525 Datasheet HTML 4Page - Renesas Technology Corp EL5525 Datasheet HTML 5Page - Renesas Technology Corp EL5525 Datasheet HTML 6Page - Renesas Technology Corp EL5525 Datasheet HTML 7Page - Renesas Technology Corp EL5525 Datasheet HTML 8Page - Renesas Technology Corp EL5525 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FN7393 Rev 2.00
Page 1 of 10
September 21, 2010
FN7393
Rev 2.00
September 21, 2010
EL5525
18-Channel TFT-LCD Reference Voltage Generator
DATASHEET
The EL5525 is designed to produce the reference voltages
required in TFT-LCD applications. Each output is
programmed to the required voltage with 10 bits of
resolution. Reference pins determine the high and low
voltages of the output range, which are capable of swinging
to either supply rail. Programming of each output is
performed using the serial interface. A serial out pin enables
daisy chaining of multiple devices.
A number of the EL5525 can be stacked for applications
requiring more than 18 outputs. The reference inputs can be
tied to the rails, enabling each part to output the full voltage
range, or alternatively, they can be connected to external
resistors to split the output range and enable finer
resolutions of the outputs.
The EL5525 has 18 outputs and comes in a 38-pin HTSSOP
package. It is specified for operation over the full -40°C to
+85°C temperature range.
Features
• 18-channel Reference Outputs
• Accuracy of ±0.1%
• Supply Voltage of 4.5V to 16.5V
• Digital Supply 3.3V to 5V
• Low Supply Current of 15mA
• Rail-to-Rail Capability
• Internal Thermal Protection
• Pb-Free Available (RoHS Compliant)
Applications
• TFT-LCD Drive Circuits
• Reference Voltage Generators
Pinout
EL5525
(38-PIN HTSSOP)
TOP VIEW
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG.
NUMBER
EL5525IREZ*
5525IREZ -40 to +85 38-Pin HTSSOP MDP0048
EL5525IREZ-T7*
5525IREZ -40 to +85 38-Pin HTSSOP MDP0048
EL5525IREZ-T13* 5525IREZ -40 to +85 38-Pin HTSSOP MDP0048
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant
and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures
that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
1
2
3
4
38
37
36
35
5
6
7
34
33
32
8
31
9
10
30
29
11
12
13
28
27
26
14
25
15
24
16
17
18
23
22
21
19
20
THERMAL
PAD
ENA
SDI
SCLK
SDO
EXT_OSC
VS
VSD
NC
NC
OSC_SELECT
VS
REFH
REFL
GND
CAP
VS
NC
OUTR
OUTQ
OUTA
GND
OUTF
OUTB
OUTG
OUTE
OUTH
OUTO
OUTP
OUTI
OUTK
GND
GND
OUTJ
OUTM
OUTL
OUTN
OUTC
OUTD
NOT RECOMMENDED FOR NE
W DESIGNS
NO RECOMMENDED REPLACE
MENT
contact our Technical Support
Center at
1-888-INTERSIL or www.intersi
l.com/tsc


Similar Part No. - EL5525

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
September 21, 2010
EL5525IREZ INTERSIL-EL5525IREZ Datasheet
626Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
September 21, 2010
EL5525IREZ-T13 INTERSIL-EL5525IREZ-T13 Datasheet
626Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
September 21, 2010
EL5525IREZ-T7 INTERSIL-EL5525IREZ-T7 Datasheet
626Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
September 21, 2010
More results

Similar Description - EL5525

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
June 24, 2005
EL5126 INTERSIL-EL5126 Datasheet
391Kb / 11P
8-Channel TFT-LCD Reference Voltage Generator
April 2003
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
10-Channel TFT-LCD Reference Voltage Generator
March 11, 2004
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
12-Channel TFT-LCD Reference Voltage Generator
March 5, 2004
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
August 24, 2006
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
September 21, 2010
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
10-Channel TFT-LCD Reference Voltage Generator
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com