Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5525 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL5525
Description  18-Channel TFT-LCD Reference Voltage Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5525 Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL5525 Datasheet HTML 1Page - Renesas Technology Corp EL5525 Datasheet HTML 2Page - Renesas Technology Corp EL5525 Datasheet HTML 3Page - Renesas Technology Corp EL5525 Datasheet HTML 4Page - Renesas Technology Corp EL5525 Datasheet HTML 5Page - Renesas Technology Corp EL5525 Datasheet HTML 6Page - Renesas Technology Corp EL5525 Datasheet HTML 7Page - Renesas Technology Corp EL5525 Datasheet HTML 8Page - Renesas Technology Corp EL5525 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
EL5525
FN7393 Rev 2.00
Page 4 of 10
September 21, 2010
Typical Performance Curves
FIGURE 1. DIFFERENTIAL NONLINEARITY vs CODE
FIGURE 2. INTEGRAL NONLINEARITY ERROR
FIGURE 3. TRANSIENT LOAD REGULATION (SOURCING)
FIGURE 4. TRANSIENT LOAD REGULATION (SINKING)
FIGURE 5. LARGE SIGNAL RESPONSE (RISING FROM 0V
TO 8V)
FIGURE 6. SMALL SIGNAL RESPONSE (FALLING FROM
200mV TO 100mV)
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
10
210
410
610
810
1010
INPUT CODE
VS = 15V
VSD = 5V
VREFH = 13V
VREFL = 2V
-1
-0.5
0
0.5
1
1.5
0
200
400
600
800
1000
1200
CODE
REFH = 13V, REFL = 2V
0mA
5V
5mA/DIV
200mV/DIV
5mA
VS = VREFH = 15V
CL = 180pF
CL = 1nF
RS = 20
CL= 4.7nF
RS = 20
VS = VREFH = 15V
5mA
0mA
CL= 4.7nF
RS = 20
CL=1nF
RS = 20
CL= 180pF
5mA/DIV
200mV/DIV
M = 400ns/DIV
SCLK
SDA
ENA
OUTA
M = 200µs/DIV
SCLK
SDA
ENA
OUTA
M = 200µs/DIV
M = 400ns/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com