Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL5525 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5525
Description  18-Channel TFT-LCD Reference Voltage Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5525 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5525 Datasheet HTML 1Page - Renesas Technology Corp EL5525 Datasheet HTML 2Page - Renesas Technology Corp EL5525 Datasheet HTML 3Page - Renesas Technology Corp EL5525 Datasheet HTML 4Page - Renesas Technology Corp EL5525 Datasheet HTML 5Page - Renesas Technology Corp EL5525 Datasheet HTML 6Page - Renesas Technology Corp EL5525 Datasheet HTML 7Page - Renesas Technology Corp EL5525 Datasheet HTML 8Page - Renesas Technology Corp EL5525 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EL5525
FN7393 Rev 2.00
Page 2 of 10
September 21, 2010
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage
Between VS and GND . . . . . . . . . . . . . . . .4.5V(min) to 18V(max)
Between VSD and GND . . . . . . . . . . . 3V(min) to VS and +7(max)
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
VS = 15V, VSD = 5V, VREFH = 13V, VREFL = 2V, RL = 1.5k and CL = 200pF to 0V, TA = +25°C, unless
otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
IS
Supply Current
No load
15
18
mA
ISD
Digital Supply Current
0.17
0.35
mA
ANALOG
VOL
Output Swing Low
Sinking 5mA (VREFH = 15V, VREFL = 0)
50
150
mV
VOH
Output Swing High
Sourcing 5mA (VREFH = 15V, VREFL = 0)
14.85
14.95
V
ISC
Short Circuit Current
RL = 10
100
140
mA
PSRR
Power Supply Rejection Ratio
VS+ is moved from 14V to 16V
45
60
dB
tD
Program to Out Delay
4ms
VAC
Accuracy Referred to the Ideal Value
Code = 512
20
mV
VMIS
Channel to Channel Mismatch
Code = 512
2
mV
VDROOP
Droop Voltage
12
mV/ms
RINH
Input Resistance @ VREFH, VREFL
34
k
REG
Load Regulation
IOUT = 5mA step
0.5
1.5
mV/mA
BG
Band Gap
1.1
1.3
1.6
V
DIGITAL
VIH
Logic 1 Input Voltage
2
V
VIL
Logic 0 Input Voltage
1V
FCLK
Clock Frequency
5MHz
tS
Setup Time
20
ns
tH
Hold Time
20
ns
tLC
Load to Clock Time
20
ns
tCE
Clock to Load Line
20
ns
tDCO
Clock to Out Delay Time
Negative edge of SCLK
10
ns
RSDIN
SDIN Input Resistance
1G
TPULSE
Minimum Pulse Width for EXT_OSC
Signal
5µs
Duty Cycle
Duty Cycle for EXT_OSC Signal
50
%
F_OSC
Internal Refresh Oscillator Frequency
OSC_Select = 0
21
kHz
INL
Integral Nonlinearity Error
1.3
LSB
DNL
Differential Nonlinearity Error
0.5
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com