Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL6334DIRZ Datasheet HTML 1Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 3 of 28
Apr 29, 2016
Pin Configuration
ISL6334D
(40 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL6334DIRZ
6334D IRZ
-40 to +85
40 Ld 6x6 QFN
L40.6x6
ISL6334DCRZ
6334D CRZ
0 to +70
40 Ld 6x6 QFN
L40.6x6
NOTES:
1. Add “-T” suffix for a 4k unit tape and reel option. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL6334D. For more information on MSL please see techbrief TB363.
TABLE 1. ISL6336x/4x FAMILY SUMMARY
INTERSIL PN
NUMBER OF PHASES
DIODE
EMULATION
DROOP
H_CPURST_N INPUT
TARGETED APPLICATIONS
ISL6336
6Yes
Yes
No
VR11.x CPU
ISL6336A
6
No
Yes
No
VR11.x CPU
ISL6336D
6
No
No
No
General Purpose, Memory
ISL6334
4Yes
Yes
No
VR11.x CPU
ISL6334A
4
No
Yes
No
VR11.x CPU
ISL6334D
4
No
No
No
General Purpose, Memory
VID5
VID4
VID3
VID2
VID1
PSI#
IMON
VID0
OFS
VID6
ISEN3-
ISEN3+
ISEN1+
ISEN1-
PWM1
PWM4
ISEN4-
ISEN4+
ISEN2+
ISEN2-
1
40
2
3
4
5
6
7
8
9
10
30
29
28
27
26
25
24
23
22
21
39
38
37
36
35
34
33
32
31
11
12
13
14
15
16
17
18
19
20
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com