Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 14Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 13 of 28
Apr 29, 2016
Current Sensing
The ISL6334D senses current continuously for fast response. The
ISL6334D supports inductor DCR sensing, or resistive sensing
techniques. The associated channel current sense amplifier uses
the ISEN inputs to reproduce a signal proportional to the inductor
current, IL. The sense current, ISEN, is proportional to the inductor
current. The sensed current is used for current balance and
overcurrent protection.
The internal circuitry, shown in Figures 7 and 8, represents one
channel of an N-channel converter. This circuitry is repeated for
each channel in the converter, but may not be active depending
on the status of the PWM2, PWM3 and PWM4 pins, as described
in “PWM and PSI# Operation” on page 12. The input bias current
of the current sensing amplifier is typically 60nA; less than 5kΩ
input impedance is preferred to minimized the offset error.
INDUCTOR DCR SENSING
An inductor’s winding is characteristic of a distributed resistance,
as measured by the DCR (Direct Current Resistance) parameter.
Consider the inductor DCR as a separate lumped quantity, as
shown in Figure 7. The channel current IL, flowing through the
inductor, will also pass through the DCR. Equation 4 shows the
S-domain equivalent voltage across the inductor VL.
A simple R-C network across the inductor extracts the DCR
voltage, as shown in Figure 7.
The voltage on the capacitor VC, can be shown to be proportional
to the channel current IL (see Equation 5).
If the R-C network components are selected such that the RC
time constant (= R*C) matches the inductor time constant
(= L/DCR), the voltage across the capacitor VC is equal to the
voltage drop across the DCR, i.e., proportional to the channel
current.
With the internal low-offset current amplifier, the capacitor
voltage VC is replicated across the sense resistor RISEN.
Therefore, the current out of ISEN+ pin, ISEN, is proportional to
the inductor current.
Because of the internal filter at ISEN- pin, one capacitor, CT, is
needed to match the time delay between the ISEN- and ISEN+
signals. Select the proper CT to keep the time constant of RISEN
and CT (RISEN x CT) close to 27ns.
Equation 6 shows that the ratio of the channel current to the
sensed current, ISEN, is driven by the value of the sense resistor
and the DCR of the inductor.
FIGURE 6. SWITCHING FREQUENCY vs RT
250
200
150
100
50
0
100k 200k 300k 400k 500k 600k 700k 800k 900k 1M
SWITCHING FREQUENCY (Hz)
VL s

IL sL DCR
+

=
(EQ. 4)
FIGURE 7. DCR SENSING CONFIGURATION
In
ISEN IL
DCR
RISEN
-------------------
=
-
+
ISEN-(n)
CURRENT
SENSE
VIN
ISEN+(n)
PWM(n)
ISL6596
RISEN(n)
DCR
L
INDUCTOR
R
VOUT
COUT
VC(s)
C
IL s

VL
CT
ISL6334D INTERNAL CIRCUIT
VC s

s
L
DCR
-------------
1
+


DCR IL

sRC 1
+

---------------------------------------------------------------------
=
(EQ. 5)
ISEN
IL
DCR
RISEN
------------------
=
(EQ. 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com