Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 9 of 28
Apr 29, 2016
THERMAL MONITORING AND FAN CONTROL
TM Input Voltage for VR_FAN Trip
38.7
39.1
39.6
%VCC
TM Input Voltage for VR_FAN Reset
44.6
45.1
45.5
%VCC
TM Input Voltage for VR_HOT Trip
32.9
33.3
33.7
%VCC
TM Input Voltage for VR_HOT Reset
38.7
39.1
39.6
%VCC
Leakage Current of VR_FAN
With external pull-up resistor connected to VCC
--
5
µA
VR_FAN Low Voltage
With 1.24k resistor pull-up to VCC, IVR_FAN = 4mA
-
-
0.3
V
Leakage Current of VR_HOT
With external pull-up resistor connected to VCC
--
5
µA
VR_HOT Low Voltage
With 1.24k resistor pull-up to VCC, IVR_HOT = 4mA
-
-
0.3
V
VR READY AND PROTECTION MONITORS
Leakage Current of VR_RDY
With pull-up resistor externally connected to VCC
--
5
µA
VR_RDY Low Voltage
IVR_RDY = 4mA
-
-
0.3
V
Undervoltage Threshold
VDIFF Falling
48
50
52
%VID
VR_RDY Reset Voltage
VDIFF Rising
57.0
59.6
62.0
%VID
Overvoltage Protection Threshold
Before valid VID
1.250
1.273
1.300
V
After valid VID, the voltage above VID
158
175
190
mV
Overvoltage Protection Reset Hysteresis
-
100
-
mV
NOTES:
6. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
7. These parts are designed and adjusted for accuracy with all errors in the voltage loop included.
8. Limits should be considered typical and are not production tested.
9. During soft-start, VDAC rises from 0V to 1.1V first and then ramp to VID voltage after receiving valid VID.
10. Soft-start ramp rate is determined by the adjustable soft-start oscillator frequency at the speed of 6.25mV per cycle.
Electrical SpecificationsmOperatingConditions:VCC=5V,UnlessOtherwiseSpecified.Boldface limits applyacrosstheoperatingtemperature
ranges, -40°C to +85°C (IRZ) or 0°C to +70°C (CRZ). (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com