Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 8 of 28
Apr 29, 2016
PIN-ADJUSTABLE OFFSET
Voltage at OFS Pin
Offset resistor connected to ground
390
400
415
mV
Voltage below VCC, offset resistor connected to VCC
1.574
1.60
1.635
V
OSCILLATORS
Accuracy of Switching Frequency Setting
RT = 100kΩ
225
250
275
kHz
Adjustment Range of Switching Frequency
(Note 8)
0.08
-
1.00
MHz
Soft-Start Ramp Rate
RSS = 100kΩ(Notes 8, 9, 10)
-
1.563
-
mV/µs
Adjustment Range of Soft-Start Ramp Rate
(Note 8)
0.625
-
6.250
mV/µs
PWM GENERATOR
Sawtooth Amplitude
(Note 8)-
1.5
-
V
ERROR AMPLIFIER
Open-Loop Gain
RL = 10kΩ to ground (Note 8)
-
96
-
dB
Open-Loop Bandwidth
(Note 8)-
80
-
MHz
Slew Rate
(Note 8)
-
25
-
V/µs
Maximum Output Voltage
3.8
4.4
4.9
V
Output High Voltage at 2mA
3.6
--
V
Output Low Voltage at 2mA
--
1.6
V
REMOTE-SENSE AMPLIFIER (Note 8)
Bandwidth
-20
-
MHz
Output High Current
VSEN - RGND = 2.5V
-500
-
500
µA
Output High Current
VSEN - RGND = 0.6
-500
-
500
µA
PWM OUTPUT
Sink Impedance
PWM = Low with 1mA Load
100
220
300
Ω
Source Impedance
PWM = High, forced to 3.7V
200
320
400
Ω
PSI# INPUT
High Signal Threshold
--
0.8
V
Low Signal Threshold
0.4
--
V
CURRENT SENSE AND OVERCURRENT PROTECTION
Sensed Current Tolerance
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 40µA;
CS offset and mirror error included, RISENx = 200Ω
36.5
-
42
µA
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 80µA;
CS offset and mirror error included, RISENx = 200Ω
74
-
83
µA
Overcurrent Trip Level for Average Current At Normal
CCM PWM Mode
CS offset and mirror error included, RISENx = 200Ω
96
105
117
µA
Overcurrent Trip Level for Average Current at PSI# Mode N = 4, drop to 1-phase
-
121
-
µA
Peak Current Limit for Individual Channel
115
129
146
µA
IMON Clamped and OCP Trip Level
1.085
1.11
1.14
V
Electrical SpecificationsmOperatingConditions:VCC=5V,UnlessOtherwiseSpecified.Boldface limits applyacrosstheoperatingtemperature
ranges, -40°C to +85°C (IRZ) or 0°C to +70°C (CRZ). (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com