Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 18Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 19Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 22Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 23Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 24Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 21 of 28
Apr 29, 2016
voltage. The VR_FAN signal is set to high when the TM voltage
goes below 33.3% of VCC voltage, and is pulled to GND when the
TM voltage goes back to above 39.1% of VCC voltage. Figure 17
shows the operation of those signals.
Based on the NTC temperature characteristics and the desired
threshold of the VR_HOT signal, the pull-up resistor RTM1 of TM
pin is given by Equation 15:
RNTC(T3) is the NTC resistance at the VR_HOT threshold
temperature T3.
The NTC resistance at the set point T2 and release point T1 of
VR_FAN signal can be calculated as shown in Equations 16 and 17:
With the NTC resistance value obtained from Equations 16 and
17, the temperature value T2 and T1 can be found from the NTC
datasheet.
Temperature Compensation
The ISL6334D supports inductor DCR sensing, or resistive
sensing techniques. The inductor DCR has a positive temperature
coefficient, which is about +0.385%/°C. Since the voltage across
inductor is sensed for the output current information, the sensed
current has the same positive temperature coefficient as the
inductor DCR.
In order to obtain the correct current information, there should be
a way to correct the temperature impact on the current sense
component. The ISL6334D provides two methods: integrated
temperature compensation and external temperature
compensation.
Integrated Temperature Compensation
When the TCOMP voltage is equal or greater than VCC/15, the
ISL6334D will utilize the voltage at TM and TCOMP pins to
compensate the temperature impact on the sensed current. The
block diagram of this function is shown in Figure 18.
FIGURE 15. BLOCK DIAGRAM OF THERMAL MONITORING
FUNCTION
0.333VCC
0.391VCC
° C
R
TM1
R
NTC
VCC
TM
VR_FAN
VR_HOT
FIGURE 16. THE RATIO OF TM VOLTAGE TO NTC TEMPERATURE
WITH RECOMMENDED PARTS
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
TM
VR_FAN
VR_HOT
0.451*Vcc
0.391*Vcc
0.333*Vcc
TEMPERATURE
T1
T2
T3
FIGURE 17. VR_HOT AND VR_FAN SIGNAL vs TM VOLTAGE
RTM1
2.75xRNTC T3

=
(EQ. 15)
RNTC T2

1.267xRNTC T3

=
(EQ. 16)
RNTC T1

1.644xRNTC T3

=
(EQ. 17)
FIGURE 18. BLOCK DIAGRAM OF INTEGRATED TEMPERATURE
COMPENSATION
oc
R
TM1
R
NTC
TM
R
TC1
R
TC2
TCOMP
V
CC
NON-LINEAR
A/D
4-BIT
A/D
OVERCURRENT
PROTECTION
I
1
I
2
I
3
I
4
k
i
D/A
CHANNEL
CURRENT
SENSE
I
SEN4
I
SEN3
I
SEN2
I
SEN1
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com