Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6334DIRZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL6334DIRZ
Description  VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6334DIRZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL6334DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6334DIRZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISL6334D
FN6802 Rev 4.00
Page 7 of 28
Apr 29, 2016
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V
All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . (GND - 0.3V) to VCC + 0.3V
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V ±5%
Ambient Temperature
ISL6334DCRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to +70°C
ISL6334DIRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
40 Ld 6x6 QFN Package (Notes 4, 5). . . . .
31
3.25
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical SpecificationsmOperatingConditions:VCC=5V,UnlessOtherwiseSpecified.Boldfacelimitsapplyacrosstheoperatingtemperature
ranges, -40°C to +85°C (IRZ) or 0°C to +70°C (CRZ).
PARAMETER
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN_PWR = 5VDC; RT = 100kΩ
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 80µA
-16
20
mA
Shutdown Supply
VCC = 5VDC; EN_PWR = 0VDC; RT = 100kΩ
-14
17
mA
POWER-ON RESET AND ENABLE
VCC Rising POR Threshold
4.3
4.4
4.5
V
VCC Falling POR Threshold
3.75
3.88
4.00
V
EN_PWR Rising Threshold
0.830
0.850
0.870
V
EN_PWR Falling Threshold
0.735
0.752
0.770
V
EN_VTT Rising Threshold
0.830
0.850
0.870
V
EN_VTT Falling Threshold
0.735
0.752
0.770
V
REFERENCE VOLTAGE AND DAC
System Accuracy of ISL6334DCRZ
(VID = 1V to 1.6V, TJ = 0°C to +70°C)
(Note 7, closed-loop)
-0.5
-
0.5
%VID
System Accuracy of ISL6334DCRZ
(VID = 0.5V to 1V, TJ = 0°C to +70°C)
(Note 7, closed-loop)
-5
-
5
mV
System Accuracy of ISL6334DIRZ
(VID = 1V to 1.6V, TJ = -40°C to +85°C)
(Note 7, closed-loop)
-0.6
-
0.6
%VID
System Accuracy of ISL6334DIRZ
(VID = 0.8V to 1V, TJ = -40°C to +85°C)
(Note 7, closed-loop)
-6
-
6
mV
System Accuracy of ISL6334DIRZ
(VID = 0.5V to 0.8V, TJ = -40°C to +85°C)
(Note 7, closed-loop)
-7
-
7
mV
VID Pull-Up
After tD3
30
40
50
µA
VID Input Low Level
--
0.4
V
VID Input High Level
0.8
--
V
Max DAC Source Current
3.5
--
mA
Max DAC Sink Current
100
--
µA
Max REF Source/Sink Current
(Note 8)
50
--
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com