Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 57Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 58Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 59Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 60Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 61Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 62Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 63Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 64Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 137 page
background image
61
AT89C51RD2/ED2
4235E–8051–04/04
Registers
Table 43. KBF Register
KBF-Keyboard Flag Register (9Eh)
Reset Value = 0000 0000b
This register is read only access, all flags are automatically cleared by reading the
register.
76
54
32
1
0
KBF7
KBF6
KBF5
KBF4
KBF3
KBF2
KBF1
KBF0
Bit
Number
Bit
Mnemonic
Description
7KBF7
Keyboard line 7 flag
Set by hardware when the Port line 7 detects a programmed level. It generates a
Keyboard interrupt request if the KBKBIE.7 bit in KBIE register is set.
Must be cleared by software.
6KBF6
Keyboard line 6 flag
Set by hardware when the Port line 6 detects a programmed level. It generates a
Keyboard interrupt request if the KBIE.6 bit in KBIE register is set.
Must be cleared by software.
5KBF5
Keyboard line 5 flag
Set by hardware when the Port line 5 detects a programmed level. It generates a
Keyboard interrupt request if the KBIE.5 bit in KBIE register is set.
Must be cleared by software.
4KBF4
Keyboard line 4 flag
Set by hardware when the Port line 4 detects a programmed level. It generates a
Keyboard interrupt request if the KBIE.4 bit in KBIE register is set.
Must be cleared by software.
3KBF3
Keyboard line 3 flag
Set by hardware when the Port line 3 detects a programmed level. It generates a
Keyboard interrupt request if the KBIE.3 bit in KBIE register is set.
Must be cleared by software.
2KBF2
Keyboard line 2 flag
Set by hardware when the Port line 2 detects a programmed level. It generates a
Keyboard interrupt request if the KBIE.2 bit in KBIE register is set.
Must be cleared by software.
1KBF1
Keyboard line 1 flag
Set by hardware when the Port line 1 detects a programmed level. It generates a
Keyboard interrupt request if the KBIE.1 bit in KBIE register is set.
Must be cleared by software.
0KBF0
Keyboard line 0 flag
Set by hardware when the Port line 0 detects a programmed level. It generates a
Keyboard interrupt request if the KBIE.0 bit in KBIE register is set.
Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com