Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 78Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 79Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 80Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 81Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 82Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 83Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 84Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 85Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 137 page
background image
82
AT89C51RD2/ED2
4235E–8051–04/04
Power Management
Introduction
Two power reduction modes are implemented in the AT89C51RD2/ED2. The Idle mode
and the Power-Down mode. These modes are detailed in the following sections. In addi-
tion to these power reduction modes, the clocks of the core and peripherals can be
dynamically divided by 2 using the X2 mode detailed in Section “Enhanced Features”,
page 17.
Idle Mode
Idle mode is a power reduction mode that reduces the power consumption. In this mode,
program execution halts. Idle mode freezes the clock to the CPU at known states while
the peripherals continue to be clocked. The CPU status before entering Idle mode is
preserved, i.e., the program counter and program status word register retain their data
for the duration of Idle mode. The contents of the SFRs and RAM are also retained. The
status of the Port pins during Idle mode is detailed in Table 59.
Entering Idle Mode
T o ent e r Id l e m ode, se t the I DL bi t i n P C ON regi s ter (s ee T abl e 60). T h e
AT89C51RD2/ED2 enters Idle mode upon execution of the instruction that sets IDL bit.
The instruction that sets IDL bit is the last instruction executed.
Note:
If IDL bit and PD bit are set simultaneously, the AT89C51RD2/ED2 enters Power-Down
mode. Then it does not go in Idle mode when exiting Power-Down mode.
Exiting Idle Mode
There are two ways to exit Idle mode:
1.
Generate an enabled interrupt.
–
Hardware clears IDL bit in PCON register which restores the clock to the
CPU. Execution resumes with the interrupt service routine. Upon completion
of the interrupt service routine, program execution resumes with the
instruction immediately following the instruction that activated Idle mode.
The general purpose flags (GF1 and GF0 in PCON register) may be used to
indicate whether an interrupt occurred during normal operation or during Idle
mode. When Idle mode is exited by an interrupt, the interrupt service routine
may examine GF1 and GF0.
2.
Generate a reset.
–
A logic high on the RST pin clears IDL bit in PCON register directly and
asynchronously. This restores the clock to the CPU. Program execution
momentarily resumes with the instruction immediately following the
instruction that activated the Idle mode and may continue for a number of
clock cycles before the internal reset algorithm takes control. Reset
initializes the AT89C51RD2/ED2 and vectors the CPU to address C:0000h.
Note:
During the time that execution resumes, the internal RAM cannot be accessed; however,
it is possible for the Port pins to be accessed. To avoid unexpected outputs at the Port
pins, the instruction immediately following the instruction that activated Idle mode should
not write to a Port pin or to the external RAM.
Power-Down Mode
The Power-Down mode places the AT89C51RD2/ED2 in a very low power state.
Power-Down mode stops the oscillator, freezes all clock at known states. The CPU sta-
tus prior to entering Power-Down mode is preserved, i.e., the program counter, program
status word register retain their data for the duration of Power-Down mode. In addition,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com