Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 51Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 52Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 53Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 54Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 55Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 56Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 57Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 58Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 137 page
background image
55
AT89C51RD2/ED2
4235E–8051–04/04
Table 34. Example of Computed Value When X2=1, SMOD1=1, SPD=1
Table 35. Example of Computed Value When X2=0, SMOD1=0, SPD=0
The baud rate generator can be used for mode 1 or 3 (refer to Figure 25.), but also for
mode 0 for UART, thanks to the bit SRC located in BDRCON register (Table 42.)
UART Registers
Table 36. SADEN Register
SADEN - Slave Address Mask Register for UART (B9h)
Reset Value = 0000 0000b
Table 37. SADDR Register
SADDR - Slave Address Register for UART (A9h)
Reset Value = 0000 0000b
Baud Rates
FOSC = 16. 384 MHz
FOSC = 24MHz
BRL
Error (%)
BRL
Error (%)
115200
247
1.23
243
0.16
57600
238
1.23
230
0.16
38400
229
1.23
217
0.16
28800
220
1.23
204
0.16
19200
203
0.63
178
0.16
9600
149
0.31
100
0.16
4800
43
1.23
-
-
Baud Rates
FOSC = 16. 384 MHz
FOSC = 24MHz
BRL
Error (%)
BRL
Error (%)
4800
247
1.23
243
0.16
2400
238
1.23
230
0.16
1200
220
1.23
202
3.55
600
185
0.16
152
0.16
76
54
32
1
0
76
54
32
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com