Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 67Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 68Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 69Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 70Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 71Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 72Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 73Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 74Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 137 page
background image
71
AT89C51RD2/ED2
4235E–8051–04/04
Reset Value = 0001 0100b
Not bit addressable
Serial Peripheral Status Register
(SPSTA)
The Serial Peripheral Status Register contains flags to signal the following conditions:
•
Data transfer complete
•
Write collision
•
Inconsistent logic level on SS pin (mode fault error)
Table 49 describes the SPSTA register and explains the use of every bit in the register.
Table 49. SPSTA Register
SPSTA - Serial Peripheral Status and Control register (0C4H)
1
SPR1
SPR2
SPR1
SPR0 Serial Peripheral Rate
00
0
F
CLK PERIPH /2
00
1
F
CLK PERIPH /4
01
0
F
CLK PERIPH /8
01
1
F
CLK PERIPH /16
10
0
F
CLK PERIPH /32
10
1
F
CLK PERIPH /64
11
0
F
CLK PERIPH /128
1
1
1
Invalid
0
SPR0
Bit Number
Bit Mnemonic
Description
76
54
32
1
0
SPIF
WCOL
SSERR
MODF
-
-
-
-
Bit
Number
Bit
Mnemonic Description
7
SPIF
Serial Peripheral Data Transfer Flag
Cleared by hardware to indicate data transfer is in progress or has been
approved by a clearing sequence.
Set by hardware to indicate that the data transfer has been completed.
6WCOL
Write Collision Flag
Cleared by hardware to indicate that no collision has occurred or has been
approved by a clearing sequence.
Set by hardware to indicate that a collision has been detected.
5
SSERR
Synchronous Serial Slave Error Flag
Set by hardware when SS is de-asserted before the end of a received data.
Cleared by disabling the SPI (clearing SPEN bit in SPCON).
4MODF
Mode Fault
Cleared by hardware to indicate that the SS pin is at appropriate logic level, or
has been approved by a clearing sequence.
Set by hardware to indicate that the SS pin is at inappropriate logic level.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit
2-
Reserved
The value read from this bit is indeterminate. Do not set this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com