Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 81Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 82Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 83Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 84Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 85Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 86Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 87Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 88Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 137 page
background image
85
AT89C51RD2/ED2
4235E–8051–04/04
Registers
Table 60. PCON Register
PCON (S87:h) Power configuration Register
Reset Value= XXXX 0000b
76
54
32
1
0
--
--
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic
Description
7-4
-
Reserved
The value read from these bits is indeterminate. Do not set these bits.
3GF1
General Purpose flag 1
One use is to indicate whether an interrupt occurred during normal operation or
during Idle mode.
2GF0
General Purpose flag 0
One use is to indicate whether an interrupt occurred during normal operation or
during Idle mode.
1PD
Power-Down Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Power-Down mode.
If IDL and PD are both set, PD takes precedence.
0IDL
Idle Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Idle mode.
If IDL and PD are both set, PD takes precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com