Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89C51ED2-RDTIM Datasheet HTML 1Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 2Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 3Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 4Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 5Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 6Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
Rev. 4235E–8051–04/04
1
Features
• 80C52 Compatible
– 8051 Instruction Compatible
– Six 8-bit I/O Ports (64 Pins or 68 Pins Versions)
– Four 8-bit I/O Ports (44 Pins Version)
– Three 16-bit Timer/Counters
– 256 Bytes Scratch Pad RAM
– 9 Interrupt Sources with 4 Priority Levels
• Integrated Power Monitor (POR/PFD) to Supervise Internal Power Supply
• ISP (In-System Programming) Using Standard V
CC Power Supply
• 2048 Bytes Boot ROM Contains Low Level Flash Programming Routines and a Default
Serial Loader
• High-speed Architecture
– In Standard Mode:
40 MHz (Vcc 2.7V to 5.5V, both Internal and external code execution)
60 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
– In X2 mode (6 Clocks/machine cycle)
20 MHz (Vcc 2.7V to 5.5V, both Internal and external code execution)
30 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
• 64K Bytes On-chip Flash Program/Data Memory
– Byte and Page (128 Bytes) Erase and Write
– 100k Write Cycles
• On-chip 1792 bytes Expanded RAM (XRAM)
– Software Selectable Size (0, 256, 512, 768, 1024, 1792 Bytes)
– 768 Bytes Selected at Reset for T89C51RD2 Compatibility
• On-chip 2048 Bytes EEPROM Block for Data Storage (AT89C51ED2 Only)
– 100K Write Cycles
• Dual Data Pointer
• Variable Length MOVX for Slow RAM/Peripherals
• Improved X2 Mode with Independent Selection for CPU and Each Peripheral
• Keyboard Interrupt Interface on Port 1
• SPI Interface (Master/Slave Mode)
• 8-bit Clock Prescaler
• 16-bit Programmable Counter Array
– High Speed Output
–Compare/Capture
– Pulse Width Modulator
– Watchdog Timer Capabilities
• Asynchronous Port Reset
• Full-duplex Enhanced UART with Dedicated Internal Baud Rate Generator
• Low EMI (Inhibit ALE)
• Hardware Watchdog Timer (One-time Enabled with Reset-Out), Power-off Flag
• Power Control Modes: Idle Mode, Power-down Mode
• Single Range Power Supply: 2.7V to 5.5V
• Industrial Temperature Range (-40 to +85
°C)
• Packages: PLCC44, VQFP44, PLCC68, VQFP64, PDIL40
Description
AT89C51RD2/ED2 is high performance CMOS Flash version of the 80C51 CMOS sin-
gle chip 8-bit microcontroller. It contains a 64-Kbyte Flash memory block for code and
for data.
The 64-Kbytes Flash memory can be programmed either in parallel mode or in serial
mode with the ISP capability or with software. The programming voltage is internally
generated from the standard VCC pin.
8-bit Flash
Microcontroller
AT89C51RD2
AT89C51ED2


Similar Part No. - AT89C51ED2-RDTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ED2-RDTIM ATMEL-AT89C51ED2-RDTIM Datasheet
1Mb / 24P
8-bit Flash Microcontroller
More results

Similar Description - AT89C51ED2-RDTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
FLASH 8-bit C51 Microcontroller
logo
Microchip Technology
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
logo
ATMEL Corporation
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2_05 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2_08 Datasheet
1Mb / 137P
8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com