Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51ED2-RDTIM Datasheet(PDF) 107 Page - ATMEL Corporation

Part # AT89C51ED2-RDTIM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ED2-RDTIM Datasheet(HTML) 107 Page - ATMEL Corporation

Back Button AT89C51ED2-RDTIM Datasheet HTML 103Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 104Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 105Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 107Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 108Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 109Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51ED2-RDTIM Datasheet HTML 111Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 137 page
background image
107
AT89C51RD2/ED2
4235E–8051–04/04
Autobaud Performances
The ISP feature allows a wide range of baud rates in the user application. It is also
adaptable to a wide range of oscillator frequencies. This is accomplished by measuring
the bit-time of a single bit in a received character. This information is then used to pro-
gram the baud rate in terms of timer counts based on the oscillator frequency. The ISP
f eature requi res that an i n i ti a l c harac te r (an upperc a s e U) be sent t o t h e
AT89C51RD2/ED2 to establish the baud rate. Table show the autobaud capability.
Command Data Stream
Protocol
All commands are sent using the same flow. Each frame sent by the host is echoed by
the bootloader.
Table 74. Autobaud Performances
Frequency (MHz)
Baudrate (kHz)
1.8432
2
2.4576
3
3.6864
4
5
6
7.3728
2400
OK
OK
OK
OK
OK
OK
OK
OK
OK
4800
OK
-
OK
OK
OK
OK
OK
OK
OK
9600
OK
-
OK
OK
OK
OK
OK
OK
OK
19200
OK
-
OK
OK
OK
-
-
OK
OK
38400
-
-
OK
OK
-
OK
OK
OK
57600
----
OK
--
-
OK
115200
-------
-
OK
Frequency (MHz)
Baudrate (kHz)
8
10
11.0592
12
14.746
16
20
24
26.6
2400
OK
OK
OK
OK
OK
OK
OK
OK
OK
4800
OK
OK
OK
OK
OK
OK
OK
OK
OK
9600
OK
OK
OK
OK
OK
OK
OK
OK
OK
19200
OK
OK
OK
OK
OK
OK
OK
OK
OK
38400
-
-
OK
OK
OK
OK
OK
OK
OK
57600
-
-
OK
-
OK
OK
OK
OK
OK
115200
-
-
OK
-
OK
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com