Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61582 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS61582
Description  DUAL T1/E1 LINE INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61582 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS61582 Datasheet HTML 2Page - Cirrus Logic CS61582 Datasheet HTML 3Page - Cirrus Logic CS61582 Datasheet HTML 4Page - Cirrus Logic CS61582 Datasheet HTML 5Page - Cirrus Logic CS61582 Datasheet HTML 6Page - Cirrus Logic CS61582 Datasheet HTML 7Page - Cirrus Logic CS61582 Datasheet HTML 8Page - Cirrus Logic CS61582 Datasheet HTML 9Page - Cirrus Logic CS61582 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SWITCHING CHARACTERISTICS - T1 CLOCK/DATA (TA = -40 to 85 °C; power supply
pins within
±5% of nominal; Inputs: Logic 0 = 0V, Logic 1 = DV+) (See Figures 1, 2, and 3)
Parameter
Symbol
Min
Typ
Max
Units
TCLK Frequency
(Note 25)
ftclk
-
1.544
-
MHz
TCLK Duty Cycle
tpwh2/tpw2
30
50
70
%
RCLK Duty Cycle
tpwh1/tpw1
45
50
55
%
Rise Time (All Digital Outputs)
(Note 26)
tr
-
-
65
ns
Fall Time (All Digital Outputs)
(Note 26)
tf
-
-
65
ns
RPOS/RNEG to RCLK Rising Setup Time
tsu1
-
274
-
ns
RCLK Rising to RPOS/RNEG Hold Time
th1
-
274
-
ns
TPOS/TNEG to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG Hold Time
th2
25
-
-
ns
Notes: 25. The maximum burst rate of a gapped TCLK input clock is 8.192 MHz. The maximum gap size
that can be tolerated on TCLK is 28 UIp-p.
26. At max load of 50 pF.
SWITCHING CHARACTERISTICS - E1 CLOCK/DATA (TA = -40 to 85 °C; power supply
pins within
±5% of nominal; Inputs: Logic 0 = 0V, Logic 1 = DV+) (See Figures 1, 2, and 3)
Parameter
Symbol
Min
Typ
Max
Units
TCLK Frequency
(Note 25)
ftclk
-
2.048
-
MHz
TCLK Duty Cycle
tpwh2/tpw2
30
50
70
%
RCLK Duty Cycle
tpwh1/tpw1
45
50
55
%
Rise Time (All Digital Outputs)
(Note 26)
tr
-
-
65
ns
Fall Time (All Digital Outputs)
(Note 26)
tf
-
-
65
ns
RPOS/RNEG to RCLK Rising Setup Time
tsu1
-
194
-
ns
RCLK Rising to RPOS/RNEG Hold Time
th1
-
194
-
ns
TPOS/TNEG to TCLK Falling Setup Time
tsu2
25
-
-
ns
TCLK Falling to TPOS/TNEG Hold Time
th2
25
-
-
ns
6
DS224PP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com