Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61582 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS61582
Description  DUAL T1/E1 LINE INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61582 Datasheet(HTML) 1 Page - Cirrus Logic

  CS61582 Datasheet HTML 1Page - Cirrus Logic CS61582 Datasheet HTML 2Page - Cirrus Logic CS61582 Datasheet HTML 3Page - Cirrus Logic CS61582 Datasheet HTML 4Page - Cirrus Logic CS61582 Datasheet HTML 5Page - Cirrus Logic CS61582 Datasheet HTML 6Page - Cirrus Logic CS61582 Datasheet HTML 7Page - Cirrus Logic CS61582 Datasheet HTML 8Page - Cirrus Logic CS61582 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
• Dual T1/E1 Line Interface Optimized for
Mutiplexer Applications
• Low Power Consumption
(Typically 220mW per Line Interface)
• Transmit Driver Performance Monitors
• Jitter Attenuation in the Transmit Path
• Matched Impedance Transmit Drivers
• Supports JTAG Boundary Scan
• Hardware Mode Derivative of the CS61584
General Description
The CS61582 is a dual line interface optimized for
highly-integrated T1/E1 asynchronous or synchronous
multiplexer applications such as SONET and SDH.
Each channel features individual control and status
pins which eliminates the need for external microproc-
essor support. The matched impedance drivers reduce
power consumption and provide substantial return loss
to insure superior T1/E1 pulse quality.
The CS61582 provides two transmitter driver perform-
ance monitor circuits and JTAG boundary scan to
enhance system testability and reliability. The CS61582
is a 5 volt device that is a hardware mode derivative of
the CS61584.
ORDERING INFORMATION
CS61582-IQ5, 64-pin TQFP, -40 to +85 °C
JULY ’96
DS224PP1
1
Crystal Semiconductor Corporation
P. O. Box 17847, Austin, Texas, 78760
(512) 445 7222
FAX:(512) 445 7581
Dual T1/E1 Line Interface
CS61582
Copyright
© Crystal Semiconductor Corporation 1996
(All Rights Reserved)
TTIP1
TRING1
RRING1
RTIP1
CONTROL
TCLK1
RCLK1
JTAG
4
REFCLK
1XCLK
T V + T G N D
R V + R G N D D V + D G N D A V + A G N D BG R E F
2
2
2
2
3
2
CLOCK GENERATOR
TPOS1
TNEG1
RPOS1
RNEG1
LO S 1 LO S 2
PU LS E
SH APIN G
C IRC UITR Y
CLO C K &
DA T A
RE CO V E R Y
LO S
DE T E CT
JIT TE R
A TTE N U A TO R
TAOS
L
O
C
A
L
L
O
O
P
B
A
C
K
1
R
E
M
O
T
E
L
O
O
P
B
A
C
K
TTIP2
TRING2
RRING2
RTIP2
DRIVER
TCLK2
RCLK2
TPOS2
TNEG2
RPOS2
RNEG2
PU LS E
SH APIN G
C IRC UITR Y
CLO C K &
DA T A
RE CO V E R Y
TAOS
L
O
C
A
L
L
O
O
P
B
A
C
K
1
R
E
M
O
T
E
L
O
O
P
B
A
C
K
JIT TE R
A TTE N U A TO R
LO S
DE T E CT
DR IV E R
P E R FO R M A NCE
MO N IT O R
DR IV E R
P E R FO R M A NCE
MO N IT O R
MRIN G 1
MTIP 1
MRIN G 2
MTIP 2
DP M 1 DP M 2
RESET
CLKE
TAOS1
LLOOP1
RLOOP1
CON01
CON11
CON21
RLOOP2
LLOOP2
TAOS2
CON02
CON12
CON22
RECEIVER
RECEIVER
DRIVER


Similar Part No. - CS61582

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS61581 CIRRUS-CS61581 Datasheet
810Kb / 37P
T1/E1 Universal Line Interface
CS61581-IL CIRRUS-CS61581-IL Datasheet
810Kb / 37P
T1/E1 Universal Line Interface
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
DUAL T1/E1 LINE INTERFACE
CS61583-IL5 CIRRUS-CS61583-IL5 Datasheet
709Kb / 44P
DUAL T1/E1 LINE INTERFACE
CS61583-IQ5 CIRRUS-CS61583-IQ5 Datasheet
709Kb / 44P
DUAL T1/E1 LINE INTERFACE
More results

Similar Description - CS61582

ManufacturerPart #DatasheetDescription
logo
Level One
LXT331 LVL1-LXT331 Datasheet
692Kb / 20P
Dual T1/E1 Line Interface Unit
logo
Cirrus Logic
CS61574A CIRRUS-CS61574A Datasheet
651Kb / 44P
T1/E1 LINE INTERFACE
CS61577 CIRRUS-CS61577 Datasheet
632Kb / 44P
T1/E1 LINE INTERFACE
logo
List of Unclassifed Man...
CS61577-IL1 ETC-CS61577-IL1 Datasheet
632Kb / 44P
T1/E1 LINE INTERFACE
logo
Cirrus Logic
CS61304A CIRRUS-CS61304A Datasheet
354Kb / 32P
T1/E1 Line Interface
CS61583 CIRRUS-CS61583 Datasheet
709Kb / 44P
DUAL T1/E1 LINE INTERFACE
CS61584A CIRRUS-CS61584A Datasheet
1,010Kb / 54P
DUAL T1/E1 LINE INTERFACE
CS61535A CIRRUS-CS61535A_09 Datasheet
415Kb / 36P
T1/E1 Line Interface
CS61574A CIRRUS-CS61574A_09 Datasheet
463Kb / 34P
T1/E1 Line Interface
CS61577 CIRRUS-CS61577_09 Datasheet
438Kb / 30P
T1/E1 Line Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com