Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61582 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS61582
Description  DUAL T1/E1 LINE INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61582 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS61582 Datasheet HTML 20Page - Cirrus Logic CS61582 Datasheet HTML 21Page - Cirrus Logic CS61582 Datasheet HTML 22Page - Cirrus Logic CS61582 Datasheet HTML 23Page - Cirrus Logic CS61582 Datasheet HTML 24Page - Cirrus Logic CS61582 Datasheet HTML 25Page - Cirrus Logic CS61582 Datasheet HTML 26Page - Cirrus Logic CS61582 Datasheet HTML 27Page - Cirrus Logic CS61582 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
RLOOP1, RLOOP2 : Remote Loopback (Pins 63, 27)
A remote loopback is selected when RLOOP is high. The data received from the line interface
at RTIP and RRING is looped back through the jitter attenuator and retransmitted on TTIP and
TRING. Data recovered from RTIP and RRING continues to be transmitted on RPOS and
RNEG. Data input on TPOS and TNEG is ignored. A TAOS request overrides the data
transmitted at TTIP and TRING.
TAOS1, TAOS2 : Transmit All Ones Select (Pins 60, 59)
Setting TAOS high causes continuous ones to be transmitted at the line interface on TTIP and
TRING at the frequency determined by REFCLK.
Status
DPM1, DPM2 : Driver Performance Monitor Alarm (Pins 64, 49)
The DPM alarm indication goes high when differential inputs MTIP and MRING are inactive
for 512
± 2 REFCLK periods. The DPM alarm indication returns low when MTIP and MRING
detect a minimum 12.5% ones density signal over 175
± 75 bit periods with no more than 100
consecutive zeros.
MTIP1, MTIP2 : Monitor Tip (Pins 16, 33)
MRING1, MRING2 : Monitor Ring (Pins 15, 34)
The MTIP and MRING inputs may be connected to TTIP and TRING, to detect an inactive
transmit driver. The MTIP and MRING inputs are differential and may be connected to either
transmitter output. To increase the reliability of the performance monitor, it is suggested that the
monitor inputs of one channel be connected the transmitter output pins of another channel or
device.
LOS1, LOS2 : Loss of Signal (Pins 7, 42)
The LOS indication goes high when 175
± 15 consecutive zeros are received on the line
interface. The LOS indication returns low when a minimum 12.5% ones density signal over
175
± 75 bit periods with no more than 100 consecutive zeros is received.
Test
J-TCK : JTAG Test Clock (Pin 40)
Data on pins J-TDI and J-TDO is valid on the rising edge of J-TCK. When J-TCK is stopped
low, all JTAG registers remain unchanged.
J-TMS : JTAG Test Mode Select (Pin 39)
An active high signal on J-TMS enables the JTAG serial port. This pin has an internal pull-up
resistor.
J-TDI : JTAG Test Data In (Pin 10)
JTAG data is shifted into the device on this pin. This pin has an internal pull-up resistor. Data
must be stable on the rising edge of J-TCK.
J-TDO : JTAG Test Data Out (Pin 8)
JTAG data is shifted out of the device on this pin. This pin is active only when JTAG testing is
in progress. J-TDO will be updated on the falling edge of J-TCK.
24
DS224PP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com