Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61582 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS61582
Description  DUAL T1/E1 LINE INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61582 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS61582 Datasheet HTML 7Page - Cirrus Logic CS61582 Datasheet HTML 8Page - Cirrus Logic CS61582 Datasheet HTML 9Page - Cirrus Logic CS61582 Datasheet HTML 10Page - Cirrus Logic CS61582 Datasheet HTML 11Page - Cirrus Logic CS61582 Datasheet HTML 12Page - Cirrus Logic CS61582 Datasheet HTML 13Page - Cirrus Logic CS61582 Datasheet HTML 14Page - Cirrus Logic CS61582 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
The clock recovery circuit is a second-order
phase locked loop that can tolerate up to 0.4 UI
of jitter from 10 kHz to 100 kHz without gener-
ating errors (Figure 7). The clock and data
recovery circuit is tolerant of long strings of con-
secutive zeros and will successfully recover a
1-in-175 jitter-free line input signal.
Recovered data at RPOS and RNEG is stable
and may be sampled using the recovered clock
RCLK. The CLKE input determines the clock
polarity where the output data is stable and valid
as shown in Table 2. When CLKE is low, RPOS
and RNEG are valid on the rising edge of
RCLK. When CLKE is high, RPOS and RNEG
are valid on the falling edge of RCLK.
CLKE
DATA
CLOCK
Clock Edge
for Valid Data
LOW
RPOS
RNEG
RCLK
RCLK
Rising
Rising
HIGH
RPOS
RNEG
RCLK
RCLK
Falling
Falling
Table 2. Recovered Data/Clock Options
JITTER ATTENUATOR
The jitter attenuator is located in the transmit
path of each channel to remove gapped clock jit-
ter on TCLK. Figure 8 illustrates the typical
jitter attenuation curve.
The attenuator consists of a 64-bit FIFO, a nar-
row-band monolithic PLL, and control logic.
Signal jitter is absorbed in the FIFO which is de-
signed to neither overflow nor underflow. If
overflow or underflow is imminent, the jitter
transfer function is altered to insure that no bit-
errors occur. Under this condition, jitter gain
may occur and jitter should be attenuated exter-
nally in a frame buffer. The jitter attenuator will
typically tolerate 43 UIs before the overflow/un-
d erflo w mechanism occu rs. If the jitter
attenuator has not had time to "lock" to the aver-
age incoming frequency (e.g., following a device
reset) the attenuator will tolerate a minimum of
22 UIs before the overflow/underflow mecha-
nism occurs. The attenuator can accept a
transmit clock with gaps
≤ 28 UIs and a transmit
clock burst rate of
≤ 8 MHz.
When a loss of signal occurs, the last recovered
frequency is not held and the output frequency be-
comes the frequency of the reference clock.
REFERENCE CLOCK
The CS61582 requires a reference clock with a
minimum accuracy of
±100 ppm for T1 and E1
applications. This clock can be either a 1X clock
(i.e., 1.544 MHz or 2.048 MHz), or can be a 8X
clock (i.e., 12.352 MHz or 16.384 MHz) as se-
10
1k
10k
1
1 00
100k
70 0
.1
1
10
100
.4
28
300
30 0
PE AK-TO -PEAK
JITTER
(unit in te rv als)
J ITT E R F R E Q UE NCY (H z)
C S 61582
P e rform ance
138
A T& T 62411
(1990 V e rsion)
Figure 7. Minimum Input Jitter Tolerance of Receiver
F requ ency in H z
0
10
20
30
40
50
60
1
10
100
1 k
10 k
b ) Ma ximum
A tte n uatio n
Lim it
6 2411 (199 0 V ersion)
R e quirem ents
a) M in im u m A tte nua tion Lim it
C S 61582 P e rform an ce
Figure 8. Typical Jitter Transfer Function
DS224PP1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com