Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61582 Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS61582
Description  DUAL T1/E1 LINE INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61582 Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS61582 Datasheet HTML 21Page - Cirrus Logic CS61582 Datasheet HTML 22Page - Cirrus Logic CS61582 Datasheet HTML 23Page - Cirrus Logic CS61582 Datasheet HTML 24Page - Cirrus Logic CS61582 Datasheet HTML 25Page - Cirrus Logic CS61582 Datasheet HTML 26Page - Cirrus Logic CS61582 Datasheet HTML 27Page - Cirrus Logic CS61582 Datasheet HTML 28Page - Cirrus Logic CS61582 Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
PHYSICAL DIMENSIONS
MILLIMETERS
INCHES
1
DIM
D
D
e
B
A
A
L
C
0.461
0.394
0.40
0.016
10.00
11.70
0.14
-
0.00
MIN
0.35
0.077
1.66
-
MAX
0.26
0.70
0.177
0.006
-
0.00
MIN
0.014
0.003
0.068
-
MAX
0.010
0.028
0.007
0.60
10.00
12.30
0.024
0.394
0.484
1
D
D
1
E
E 1
E
E
0.461
0.394
10.00
11.70
10.00
12.30
0.394
0.484
1
A 1
A
e
B
L
Terminal
Detail 1
∝
∝
C
1
0°
12°
0°
12°
∝
∝
64-Pin
TQFP
DS224PP1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com