Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61582 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS61582
Description  DUAL T1/E1 LINE INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61582 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS61582 Datasheet HTML 10Page - Cirrus Logic CS61582 Datasheet HTML 11Page - Cirrus Logic CS61582 Datasheet HTML 12Page - Cirrus Logic CS61582 Datasheet HTML 13Page - Cirrus Logic CS61582 Datasheet HTML 14Page - Cirrus Logic CS61582 Datasheet HTML 15Page - Cirrus Logic CS61582 Datasheet HTML 16Page - Cirrus Logic CS61582 Datasheet HTML 17Page - Cirrus Logic CS61582 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
shift operation. Note that if J-TDI is floating,
an internal pull-up resistor forces the pin high.
JTAG Data Registers (DR)
The test data registers are the Boundary-Scan
Register (BSR), the Device Identification Regis-
ter (DIR), and the Bypass Register (BR).
Boundary Scan Register: The BSR is connected
in parallel to all the digital I/O pins, and pro-
vides the mechanism for applying/reading test
patterns to/from the board traces. The BSR is 65
bits long and is initialized and read using the in-
struction SAMPLE/PRELOAD. The bit ordering
for the BSR is the same as the top-view package
pin out, beginning with the LOS1 pin and mov-
ing counter-clockwise to end with the RLOOP2
pin as shown in Table 3.
The input pins require one bit in the BSR and
only one J-TCK cycle is required to load test
data for each input pin.
The output pins have two bits in the BSR to de-
fine output high, output low, or high impedance.
The first bit (shifted in first) selects between an
output-enabled state (bit set to 1) or high-imped-
ance state (bit set to 0). The second bit shifted in
contains the test data that may be output on the
pin. Therefore, two J-TCK cycles are required to
load test data for each output pin.
The bi-directional pins have three bits in the
BSR to define input, output high, output low, or
high impedance. The first bit shifted into the
BSR configures the output driver as high-imped-
ance (bit set to 0) or active (bit set to 1). The
second bit shifted into the BSR sets the output
value when the first bit is 1. The third bit cap-
tures the value of the pin. This pin may have its
value set externally as an input (if the first bit is
0) or set internally as an output (if the first bit is
1). To configure a pad as an input, the J-TDI
pattern is 0X0. To configure a pad as an output,
the J-TDI pattern is 1X1. Therefore, three J-TCK
cycles are required to load test data for each bi-
directional pin.
Device Identification Register: The DIR provides
the manufacturer, part number, and version of the
CS61582. This information can be used to verify
that the proper version or revision number has
been used in the system under test. The DIR is 32
bits long and is partitioned as shown in figure 10.
BSR bits
Pin Name
Pad Type
0-2
LOS1
bi-directional
2
3-5
TNEG1
bi-directional
1
6
TPOS1
input
7
TCLK1
input
8-9
RNEG1
output
10-11
RPOS1
output
12-13
RCLK1
output
14-16
DPM1
bi-directional
2
17-19
RLOOP1
bi-directional
1
20
LLOOP2
input
21-23
LLOOP1
bi-directional
1
24-26
TAOS1
bi-directional
1
27-29
TAOS2
bi-directional
1
30-32
CON01
bi-directional
1
33-35
CON02
bi-directional
1
36-38
CON11
bi-directional
1
39-41
CON12
bi-directional
1
42-44
CON21
bi-directional
1
45
CON22
input
46-48
DPM2
bi-directional
2
49-50
RCLK2
output
51-52
RPOS2
output
53-54
RNEG2
output
55
TCLK2
input
56
TPOS2
input
57-59
TNEG2
bi-directional
1
60-62
LOS2
bi-directional
2
63
CLKE
input
64
RLOOP2
input
1. Configure pad as an input.
2. Configure pad as an output.
Table 3. Boundary Scan Register
14
DS224PP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com