Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 119 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 119 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 115Page - NXP Semiconductors IMX7SCEC Datasheet HTML 116Page - NXP Semiconductors IMX7SCEC Datasheet HTML 117Page - NXP Semiconductors IMX7SCEC Datasheet HTML 118Page - NXP Semiconductors IMX7SCEC Datasheet HTML 119Page - NXP Semiconductors IMX7SCEC Datasheet HTML 120Page - NXP Semiconductors IMX7SCEC Datasheet HTML 121Page - NXP Semiconductors IMX7SCEC Datasheet HTML 122Page - NXP Semiconductors IMX7SCEC Datasheet HTML 123Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 152 page
background image
Package information and contact assignments
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
119
Table 92 shows an alpha-sorted list of functional contact assignments for the 12 x 12 mm package.
VDDA_MIPI_1P8
J15
Supply for MIPI
VDDA_PHY_1P8
Y14
VDDD_1P0_CAP
AC13,AE12,AF12
Secondary supply for 1.0 V. Requires external
capacitor
Table 92. i.MX 7Solo 12 x 12 mm functional contact assignments
Ball
Ball Name
Power Group
Ball type1
Default
Mode1
Default
Function1
PD/PU
AB07
ADC1_IN0
ADC1_VDDA_1P8
ADC1_IN0
AC07
ADC1_IN1
ADC1_VDDA_1P8
ADC1_IN1
AD07
ADC1_IN2
ADC1_VDDA_1P8
ADC1_IN2
AD09
ADC1_IN3
ADC1_VDDA_1P8
ADC1_IN3
Y01
BOOT_MODE0
NVCC_GPIO1
GPIO
ALT0
BOOT_MODE0
100K PD
Y02
BOOT_MODE1
NVCC_GPIO1
GPIO
ALT0
BOOT_MODE1
100K PD
AE04
CCM_CLK1_N
VDDA_1P8
CCM_CLK1_N
AE03
CCM_CLK1_P
VDDA_1P8
CCM_CLK1_P
AE02
CCM_CLK2
VDDA_1P8
CCM_CLK2
AC24
DRAM_ADDR00
NVCC_DRAM
DDR
DRAM_ADDR00
AC25
DRAM_ADDR01
NVCC_DRAM
DDR
DRAM_ADDR01
AC26
DRAM_ADDR02
NVCC_DRAM
DDR
DRAM_ADDR02
AB25
DRAM_ADDR03
NVCC_DRAM
DDR
DRAM_ADDR03
AB24
DRAM_ADDR04
NVCC_DRAM
DDR
DRAM_ADDR04
AE23
DRAM_ADDR05
NVCC_DRAM
DDR
DRAM_ADDR05
AF23
DRAM_ADDR06
NVCC_DRAM
DDR
DRAM_ADDR06
AE22
DRAM_ADDR07
NVCC_DRAM
DDR
DRAM_ADDR07
AD22
DRAM_ADDR08
NVCC_DRAM
DDR
DRAM_ADDR08
AC22
DRAM_ADDR09
NVCC_DRAM
DDR
DRAM_ADDR09
AD23
DRAM_ADDR10
NVCC_DRAM
DDR
DRAM_ADDR10
AG27
DRAM_ADDR11
NVCC_DRAM
DDR
DRAM_ADDR11
AE27
DRAM_ADDR12
NVCC_DRAM
DDR
DRAM_ADDR12
AG28
DRAM_ADDR13
NVCC_DRAM
DDR
DRAM_ADDR13
AE20
DRAM_ADDR14
NVCC_DRAM
DDR
DRAM_ADDR14
Table 91. i.MX 7Solo 12 x 12 mm supplies contact assignments(continued)
Supply Rail
Ball(s) position(s)
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com