Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 122 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 122 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 118Page - NXP Semiconductors IMX7SCEC Datasheet HTML 119Page - NXP Semiconductors IMX7SCEC Datasheet HTML 120Page - NXP Semiconductors IMX7SCEC Datasheet HTML 121Page - NXP Semiconductors IMX7SCEC Datasheet HTML 122Page - NXP Semiconductors IMX7SCEC Datasheet HTML 123Page - NXP Semiconductors IMX7SCEC Datasheet HTML 124Page - NXP Semiconductors IMX7SCEC Datasheet HTML 125Page - NXP Semiconductors IMX7SCEC Datasheet HTML 126Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 152 page
background image
Package information and contact assignments
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
122
N02
ECSPI2_MOSI
NVCC_SPI
GPIO
ALT5
GPIO4_IO[21]
100K PD
N01
ECSPI2_SCLK
NVCC_SPI
GPIO
ALT5
GPIO4_IO[20]
100K PD
R02
ECSPI2_SS0
NVCC_SPI
GPIO
ALT5
GPIO4_IO[23]
100K PD
G18
ENET1_COL
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[15]
100K PD
F18
ENET1_CRS
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[14]
100K PD
F07
ENET1_RD0
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[0]
100K PD
E07
ENET1_RD1
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[1]
100K PD
D07
ENET1_RD2
NVCC_ENET1
GPIO
ALT5
GPIO_IO[2]
100K PD
D16
ENET1_RD3
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[3]
100K PD
C06
ENET1_RX_CLK
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[13]
100K PD
E11
ENET1_RX_CTL
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[4]
100K PD
F11
ENET1_RXC
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[5]
100K PD
E13
ENET1_TD0
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[6]
100K PD
D13
ENET1_TD1
NVCC_ENET1
GPIO
ALT5
GPIO_IO[7]
100K PD
E16
ENET1_TD2
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[8]
100K PD
F16
ENET1_TD3
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[9]
100K PD
F13
ENET1_TX_CLK
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[12]
100K PD
G11
ENET1_TX_CTL
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[10]
100K PD
G09
ENET1_TXC
NVCC_ENET1
GPIO
ALT5
GPIO7_IO[11]
100K PD
L23
EPDC_BDR0
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[28]
100K PD
L22
EPDC_BDR1
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[29]
100K PD
T27
EPDC_D00
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[0]
100K PD
U26
EPDC_D01
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[1]
100K PD
T26
EPDC_D02
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[2]
100K PD
R27
EPDC_D03
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[3]
100K PD
N23
EPDC_D04
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[4]
100K PD
T28
EPDC_D05
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[5]
100K PD
P27
EPDC_D06
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[6]
100K PD
N28
EPDC_D07
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[7]
100K PD
N27
EPDC_D08
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[8]
100K PD
N26
EPDC_D09
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[9]
100K PD
N25
EPDC_D10
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[10]
100K PD
Table 92. i.MX 7Solo 12 x 12 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com