Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 121 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 117Page - NXP Semiconductors IMX7SCEC Datasheet HTML 118Page - NXP Semiconductors IMX7SCEC Datasheet HTML 119Page - NXP Semiconductors IMX7SCEC Datasheet HTML 120Page - NXP Semiconductors IMX7SCEC Datasheet HTML 121Page - NXP Semiconductors IMX7SCEC Datasheet HTML 122Page - NXP Semiconductors IMX7SCEC Datasheet HTML 123Page - NXP Semiconductors IMX7SCEC Datasheet HTML 124Page - NXP Semiconductors IMX7SCEC Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 152 page
background image
Package information and contact assignments
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
121
V24
DRAM_DATA28
NVCC_DRAM
DDR
DRAM_DATA28
V25
DRAM_DATA29
NVCC_DRAM
DDR
DRAM_DATA29
T25
DRAM_DATA30
NVCC_DRAM
DDR
DRAM_DATA30
T24
DRAM_DATA31
NVCC_DRAM
DDR
DRAM_DATA31
AH24
DRAM_DQM0
NVCC_DRAM
DDR
DRAM_DQM0
AD20
DRAM_DQM1
NVCC_DRAM
DDR
DRAM_DQM1
AD28
DRAM_DQM2
NVCC_DRAM
DDR
DRAM_DQM2
Y25
DRAM_DQM3
NVCC_DRAM
DDR
DRAM_DQM3
AF16
DRAM_ODT0
NVCC_DRAM
DDR
DRAM_ODT0
AH25
DRAM_RAS_B
NVCC_DRAM
DDR
DRAM_RAS_B
V26
DRAM_RESET
NVCC_DRAM_CKE
DDR
DRAM_RESET
AE28
DRAM_SDBA0
NVCC_DRAM
DDR
DRAM_SDBA0
AB22
DRAM_SDBA1
NVCC_DRAM
DDR
DRAM_SDBA1
AF27
DRAM_SDBA2
NVCC_DRAM
DDR
DRAM_SDBA2
Y22
DRAM_SDCKE0
NVCC_DRAM_CKE
DDR
DRAM_SDCKE0
AB23
DRAM_SDCKE1
NVCC_DRAM_CKE
DDR
DRAM_SDCKE1
AF25
DRAM_SDCLK0_N
NVCC_DRAM
DDRCLK
DRAM_SDCLK0_N
AE25
DRAM_SDCLK0_P
NVCC_DRAM
DDRCLK
DRAM_SDCLK0_P
AG23
DRAM_SDQS0_N
NVCC_DRAM
DDRCLK
DRAM_SDQS0_N
AG24
DRAM_SDQS0_P
NVCC_DRAM
DDRCLK
DRAM_SDQS0_P
AC20
DRAM_SDQS1_N
NVCC_DRAM
DDRCLK
DRAM_SDQS1_N
AB20
DRAM_SDQS1_P
NVCC_DRAM
DDRCLK
DRAM_SDQS1_P
AD27
DRAM_SDQS2_N
NVCC_DRAM
DDRCLK
DRAM_SDQS2_N
AC27
DRAM_SDQS2_P
NVCC_DRAM
DDRCLK
DRAM_SDQS2_P
Y24
DRAM_SDQS3_N
NVCC_DRAM
DDRCLK
DRAM_SDQS3_N
Y23
DRAM_SDQS3_P
NVCC_DRAM
DDRCLK
DRAM_SDQS3_P
AH27
DRAM_SDWE_B
NVCC_DRAM
DDR
DRAM_SDWE_B
M03
ECSPI1_MISO
NVCC_SPI
GPIO
ALT5
GPIO4_IO[18]
100K PD
L03
ECSPI1_MOSI
NVCC_SPI
GPIO
ALT5
GPIO4_IO[17]
100K PD
K02
ECSPI1_SCLK
NVCC_SPI
GPIO
ALT5
GPIO4_IO[16]
100K PD
N03
ECSPI1_SS0
NVCC_SPI
GPIO
ALT5
GPIO4_IO[19]
100K PD
P02
ECSPI2_MISO
NVCC_SPI
GPIO
ALT5
GPIO4_IO[22]
100K PD
Table 92. i.MX 7Solo 12 x 12 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com