Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 124 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 120Page - NXP Semiconductors IMX7SCEC Datasheet HTML 121Page - NXP Semiconductors IMX7SCEC Datasheet HTML 122Page - NXP Semiconductors IMX7SCEC Datasheet HTML 123Page - NXP Semiconductors IMX7SCEC Datasheet HTML 124Page - NXP Semiconductors IMX7SCEC Datasheet HTML 125Page - NXP Semiconductors IMX7SCEC Datasheet HTML 126Page - NXP Semiconductors IMX7SCEC Datasheet HTML 127Page - NXP Semiconductors IMX7SCEC Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 152 page
background image
Package information and contact assignments
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
124
AC05
GPIO1_IO13
NVCC_GPIO2
GPIO
ALT0
GPIO1_IO13
100K PD
AC04
GPIO1_IO14
NVCC_GPIO2
GPIO
ALT0
GPIO1_IO14
100K PD
AC03
GPIO1_IO15
NVCC_GPIO2
GPIO
ALT0
GPIO1_IO15
100K PD
N04
I2C1_SCL
NVCC_I2C
GPIO
ALT5
GPIO4_IO[8]
100K PD
N05
I2C1_SDA
NVCC_I2C
GPIO
ALT5
GPIO4_IO[9]
100K PD
N06
I2C2_SCL
NVCC_I2C
GPIO
ALT5
GPIO4_IO[10]
100K PD
N07
I2C2_SDA
NVCC_I2C
GPIO
ALT5
GPIO4_IO[11]
100K PD
T06
I2C3_SCL
NVCC_I2C
GPIO
ALT5
GPIO4_IO[12]
100K PD
T07
I2C3_SDA
NVCC_I2C
GPIO
ALT5
GPIO4_IO[13]
100K PD
T05
I2C4_SCL
NVCC_I2C
GPIO
ALT5
GPIO4_IO[14]
100K PD
T04
I2C4_SDA
NVCC_I2C
GPIO
ALT5
GPIO4_IO[15]
100K PD
AB01
JTAG_MOD
NVCC_GPIO2
GPIO
ALT0
JTAG_MOD
100K PU
AD01
JTAG_TCK
NVCC_GPIO2
GPIO
ALT0
JTAG_TCK
47K PU
AC02
JTAG_TDI
NVCC_GPIO2
GPIO
ALT0
JTAG_TDI
47K PU
AE01
JTAG_TDO
NVCC_GPIO2
GPIO
ALT0
JTAG_TDO
100K PU
AD02
JTAG_TMS
NVCC_GPIO2
GPIO
ALT0
JTAG_TMS
47K PU
AB02
JTAG_TRST_B
NVCC_GPIO2
GPIO
ALT0
JTAG_TRST_B
47K PU
D20
LCD_CLK
NVCC_LCD
GPIO
ALT5
GPIO3_IO[0]
100K PD
F22
LCD_DATA00
NVCC_LCD
GPIO
ALT5
GPIO3_IO[5]
100K PD
F23
LCD_DATA01
NVCC_LCD
GPIO
ALT5
GPIO3_IO[6]
100K PD
E23
LCD_DATA02
NVCC_LCD
GPIO
ALT5
GPIO3_IO[7]
100K PD
E22
LCD_DATA03
NVCC_LCD
GPIO
ALT5
GPIO3_IO[8]
100K PD
D22
LCD_DATA04
NVCC_LCD
GPIO
ALT5
GPIO3_IO[9]
100K PD
D23
LCD_DATA05
NVCC_LCD
GPIO
ALT5
GPIO3_IO[10]
100K PD
E18
LCD_DATA06
NVCC_LCD
GPIO
ALT5
GPIO3_IO[11]
100K PD
D18
LCD_DATA07
NVCC_LCD
GPIO
ALT5
GPIO3_IO[12]
100K PD
F20
LCD_DATA08
NVCC_LCD
GPIO
ALT5
GPIO3_IO[13]
100K PD
G20
LCD_DATA09
NVCC_LCD
GPIO
ALT5
GPIO3_IO[14]
100K PD
A27
LCD_DATA10
NVCC_LCD
GPIO
ALT5
GPIO3_IO[15]
100K PD
E27
LCD_DATA11
NVCC_LCD
GPIO
ALT5
GPIO3_IO[16]
100K PD
F27
LCD_DATA12
NVCC_LCD
GPIO
ALT5
GPIO3_IO[17]
100K PD
E28
LCD_DATA13
NVCC_LCD
GPIO
ALT5
GPIO3_IO[18]
100K PD
Table 92. i.MX 7Solo 12 x 12 mm functional contact assignments(continued)
Ball
Ball Name
Power Group
Ball type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com