Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM126401SFAYA-R1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # GM126401SFAYA-R1
Description  LCD MODULE SPCIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM126401SFAYA-R1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  GM126401SFAYA-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Confidential Document
Page:
3 / 21
3.
GENERAL
SPECIFICATION
Display Format :
128 (W)
×
64 (H)
dots
Dot Size :
0.48 (W)
×
0.48 (H)
mm
View Area :
72.5 (W)
×
39.5 (H)
mm
General Dimensions :
93 (W)
×
70 (H)
× 12.5 (T) mm Max.
Weight :
83 g max.
V
LCD Type :
STN Gray
STN Yellow
FSTN
V
Polarizer mode :
Reflective
Transflective
Transmissive
Negative
V
View Angle :
6 O’clock
12 O’clock
Others
V
Backlight :
LED
EL
CCFL
V
Backlight Color :
Yellow green
Amber
Blue Green
White
Others
Controller / Driver :
KS0107/KS0108
V Normal
Wide Temperature
Operating 0 to 50
°C
Operating -20 to 70
°C
Temperature Range :
Storage
-20 to 70
°C
Storage
-30 to 80
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com