Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM126401SFAYA-R1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GM126401SFAYA-R1
Description  LCD MODULE SPCIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM126401SFAYA-R1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GM126401SFAYA-R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Confidential Document
Page:
4 / 21
4. ABSOLUTE MAXIMUM RATINGS
4.1 ELECTRICAL ABSOLUTE MAXIMUM RATINGS
VSS= 0V, Ta = 25
°C
Item
Symbol
Min.
Max.
Unit
Supply Voltage
(Logic)
VDD-VSS
0
8
V
Supply Voltage
(LCD Driver)
VDD-VO
0
16.5
V
Input Voltage
VI
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
0
50
°C
Storage Temperature
TSTG
-20
70
°C
4.2 ENVIRONMENTAL ABSOLUTE MAXIMUM RATINGS
Operating
Storage
Item
(Min.)
Max.)
(Min.)
(Max.)
Comment
Ambient Temp
0
50
-20
70
Note (1)
Humidity
Note (2)
Note(2)
Without Condensation
Vibration
--
4.9M/S
2
--
19.6M/S
2
XYZ Direction
Shock
--
29.4M/S
2
--
490M/S
2
XYZ Direction
Note(1) Ta = 0
°C : 50Hr Max.
Note(2) Ta
≤ 40°C : 90% RH Max.
Ta
≥ 40°C : Absolute humidity must be lower than the humidity
of 90% RH at 40°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com