Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM126401SFAYA-R1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # GM126401SFAYA-R1
Description  LCD MODULE SPCIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM126401SFAYA-R1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button GM126401SFAYA-R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 10Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Confidential Document
Page:
7 / 21
Note (1) Response time is measured as the shortest period of time possible
between the change in state of an LCD segment as demonstrated below:
+Vop
1/f F
0
-Vop
90%
100%
10%
tr
tf
Condition:
( a ) . Temperature ---------------25
°C
( b ) . Frame frequency --------- 64Hz
( c ) . View Angle -----------------
θ = 0°, ∅=0°
( d ) . Operating voltage -------- 9.3V
Note (2) Definition of View Angle
Top – Bottom direction
Right -- Left direction
Top
∅2
∅1
θ1
θ2
Bottom
Left
Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com