Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM126401SFAYA-R1 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # GM126401SFAYA-R1
Description  LCD MODULE SPCIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM126401SFAYA-R1 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button GM126401SFAYA-R1 Datasheet HTML 10Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 11Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 12Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 13Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 14Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 15Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 16Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 17Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Confidential Document
Page:
14 / 21
11.
QUALITY ASSURANCE
11.1 Test Condition
11.1.1 Temperature and Humidity(Ambient Temperature)
Temperature : 20
± 5°C
Humidity
: 65
± 5%
11.1.2 Operation
Unless specified otherwise, test will be conducted with LCM in operation.
11.1.3 Container
Unless specified otherwise, vibration test will be conducted on module only.
11.1.4 Test Frequency
Single cycle.
11.1.5 Test Method
No.
Parameter
Conditions
Regulations
1
High Temperature Operating
50
± 2 °C
Note 3
2
Low Temperature Operating
0
± 2 °C
Note 3
3
High Temperature Storage
70
± 2 °C
Note 3
4
Low Temperature Storage
-20
± 2 °C
Note 3
5
Vibration Test
(Non-operation state)
Total fixed amplitude : 1.5mm
Vibration Frequency : 10 ~ 55Hz
One cycle 60 seconds to 3 directions
of X.Y.Z. for each 15 minutes
Note 3
6
Damp Proof Test
(Non-operation state)
40
°C ± 2°C, 90~95%RH, 96h
Note 1,2
7
Shock Test
(Non-operation state)
To be measured after dropping from
60cm high once concrete surface in
packing state
Note 3
Note 1: Returned under normal temperature and humidity for 4 hrs.
Note 2: No dew condensation to be observed.
Note 3: No change on display and in operation under the test condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com