Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GM126401SFAYA-R1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # GM126401SFAYA-R1
Description  LCD MODULE SPCIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GM126401SFAYA-R1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button GM126401SFAYA-R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 4Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 5Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 6Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 7Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 8Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 9Page - List of Unclassifed Manufacturers GM126401SFAYA-R1 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Confidential Document
Page:
6 / 21
5.
ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
(Logic)
VDD-VSS
4.5
5.0
5.5
V
0
°C
9.0
9.5
10.0
25
°C
8.6
9.3
9.7
Supply Voltage
(LCD)
VDD-VO
50
°C
8.2
8.8
9.2
V
VIH
0.7VSS
--
VDD
Input Voltage
VIL
--
VSS
--
0.3VDD
V
Logic Supply
Current
IDD
VDD-VSS=5V
--
3.8
6
mA
6. ELECTRO-OPTICAL CHARACTERISTICS
ITEM
Symbol
Condition
Min.
Typ.
Max.
Unit
Ref.
0
°C
--
400
600
Rise Time
Tr
25
°C
--
110
170
Ms
0
°C
--
500
800
Fall Time
Tf
25
°C
--
110
170
Ms
Note (1)
Contrast
CR
25
°C
--
3
--
Note (3)
60
--
--
View Angle
θ1~θ2
∅1, ∅2
25
°C &
CR
≥1.5
-30
--
30
Note (2)
Frame Frequency
Ff
25
°C
--
64
--
Hz
Note (1) & (2) : See next page
Note (3) : Contrast ratio is defined under the following condition:
CR= Brightness of non-selected condition
Brightness of selected condition
( a ).
Temperature ---------- 25
°C
( b ).
Frame frequency ---- 64Hz
( c ).
Viewing angle --------
θ= 0°, ∅ = 0°
( d ).
Operating voltage --- 9.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com